Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1002513 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1002513
Description  Angle seat valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1002513 Datasheet(HTML) 1 Page - Festo Corporation.

  1002513 Datasheet HTML 1Page - Festo Corporation. 1002513 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Angle seat valve
VZXF-L-M22C-M-B-G12-130-M1-V4V4T-50-40
Part number: 1002513
Data sheet
Feature
Value
Structural design
Poppet valve with piston actuator
Actuation type
Pneumatic
Sealing principle
Soft
Mounting position
Any
Type of mounting
Line installation
Cable connection
Threaded sleeve G1/2 as per DIN ISO 228
Nominal width
13 mm
Valve function
2/2, closed, monostable
Flow direction
Non-reversible
Medium pressure
0 MPa ... 4 MPa
Medium pressure
0 bar ... 40 bar
Nominal pressure of fitting PN
40
Exhaust air function
Without flow control option
Reset method
Mechanical spring
Type of control
Externally controlled
Pneumatic connection
Internal thread G1/8
Operating pressure
0.6 MPa ... 1 MPa
Operating pressure
6 bar ... 10 bar
Operating pressure
87 psi ... 145 psi
Symbol
00991367
Medium
Vapor
Hydraulic fluid based on mineral oil
Inert gas
Mineral oil
Water
Filtered compressed air, 200 µm filter mesh
Neutral liquids
Flow direction
Under valve seat, for gaseous and liquid media
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Max. viscosity
600 mm²/s
Temperature of medium
-40 °C ... 200 °C
Ambient temperature
-10 °C ... 60 °C
Flow rate Kv
3.3 m³/h
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Valve housing material
Cast stainless steel
Material number, fitting housing
1.4408
Spindle seal material
PTFE
7/1/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 1002513

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1002510 FESTO-1002510 Datasheet
85Kb / 2P
Angle seat valve
7/6/22
1002511 FESTO-1002511 Datasheet
85Kb / 2P
Angle seat valve
7/6/22
1002512 FESTO-1002512 Datasheet
84Kb / 2P
1002512
7/1/22
1002514 FESTO-1002514 Datasheet
86Kb / 2P
Angle seat valve
7/4/22
1002515 FESTO-1002515 Datasheet
86Kb / 2P
Angle seat valve
7/4/22
More results

Similar Description - 1002513

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8060515 FESTO-8060515 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060520 FESTO-8060520 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8060521 FESTO-8060521 Datasheet
97Kb / 2P
Angle seat valve
6/27/22
8060545 FESTO-8060545 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8111591 FESTO-8111591 Datasheet
94Kb / 2P
Angle seat valve
6/27/22
8111593 FESTO-8111593 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8111597 FESTO-8111597 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060551 FESTO-8060551 Datasheet
96Kb / 2P
Angle seat valve
6/30/22
1002501 FESTO-1002501 Datasheet
92Kb / 2P
Angle seat valve
7/1/22
1002503 FESTO-1002503 Datasheet
92Kb / 2P
Angle seat valve
7/1/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com