Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F510-E/SP Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC12F510-E/SP
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F510-E/SP Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC12F510-E/SP Datasheet HTML 41Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 42Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 43Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 44Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 45Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 46Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 47Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 48Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 114 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41268B-page 43
PIC12F510/16F506
7.0
COMPARATOR(S)
The PIC12F510 contains one analog comparator
module. The PIC16F506 contains two comparators
and a comparator voltage reference.
REGISTER 7-1:
CM1CON0 REGISTER (ADDRESS: 07h) (PIC12F510)
R-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
C1OUT
C1OUTEN
C1POL
C1T0CS
C1ON
C1NREF
C1PREF
C1WU
bit 7
bit 0
bit 7
C1OUT: Comparator Output bit
1
= VIN+ > VIN-
0
= VIN+ < VIN-
bit 6
C1OUTEN: Comparator Output Enable bit(1), (2)
1
= Output of comparator is NOT placed on the C1OUT pin
0
= Output of comparator is placed in the C1OUT pin
bit 5
C1POL: Comparator Output Polarity bit(2)
1
= Output of comparator is not inverted
0
= Output of comparator is inverted
bit 4
C1T0CS: Comparator TMR0 Clock Source bit(2)
1
= TMR0 clock source selected by T0CS control bit
0
= Comparator output used as TMR0 clock source
bit 3
C1ON: Comparator Enable bit
1
= Comparator is on
0
= Comparator is off
bit 2
C1NREF: Comparator Negative Reference Select bit(2)
1
= C1IN pin
0
= VREF
bit 1
C1PREF: Comparator Positive Reference Select bit(2)
1
= C1IN+ pin
0
= C1IN- pin
bit 0
C1WU: Comparator Wake-up On Change Enable bit(2)
1
= Wake-up On Comparator Change is disabled
0
= Wake-up On Comparator Change is enabled
Note 1:
Overrides T0CS bit for TRIS control of GP2.
2: When comparator is turned on, these control bits assert themselves.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com