Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA360 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA360
Description  Silicon epitaxial planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA360 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA360 Datasheet HTML 1Page - Panasonic Semiconductor MA360 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Condition
VR= 28V
VR= 2V, f= 1MHz
VR= 25V, f= 1MHz
VR= 10V, f= 1MHz
VR= 17V, f= 1MHz
CD (2V) (10V) (17V) (25V)
CD= 9pF, f= 470MHz
Symbol
IR
CD(2V)
CD(25V)
CD(10V)
CD(17V)
CD(2V)/CD(25V)
∆C
rD*1
Unit
nA
pF
pF
pF
pF
—
%
Ω
s Marking
Note 1. Rated input/output frequency : 470MHz
2. *1 : rD measurement device : YHP MODEL 4191A RF IMPEDANCE ANALYZER
s Electrical Characteristics (Ta= 25˚C)
MA360J
Silicon epitaxial planer type
For UHF and VHF electronic tuners
s Features
q Large capacity variation ratio
q Small series resistance rD
s Absolute Maximum Ratings (Ta= 25˚C)
Unit : mm
1 : Anode
2 : Cathode
S-Mini Type Package (Flat 2-pin)
Marking Symbol : 6A
Rating
30
35
20
150
– 55 to +150
Unit
V
V
mA
˚C
˚C
Symbol
VR
VRM *
IF
Tj
Tstg
* RL=10kΩ
Variable Capacitance Diodes
MA111
Parameter
Reverse voltage (DC)
Peak reverse voltage
Forward current (DC)
Junction temperature
Storage temperature
Parameter
Reverse current (DC)
Diode capacitance
Capacitance ratio
Diode capacitance deviation
Series resistance
min
14.360
2.089
5.433
2.945
5.95
typ
max
10
16.340
2.448
6.369
3.452
7.26
2
0.6
0.4
±0.15
INDICATES
CATHODE
1.7
±0.1
2.5
±0.2
0.4
±0.15
12


Similar Part No. - MA360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA362 ETC1-MA362 Datasheet
142Kb / 1P
Super Audio Operational Amplifier
logo
Panasonic Semiconductor
MA367 PANASONIC-MA367 Datasheet
23Kb / 2P
Silicon epitaxial planer type
logo
Dynex Semiconductor
MA3690 DYNEX-MA3690 Datasheet
426Kb / 41P
1553B Bus Controller/Remote Terminal
MA3691 DYNEX-MA3691 Datasheet
426Kb / 41P
1553B Bus Controller/Remote Terminal
MA3693 DYNEX-MA3693 Datasheet
426Kb / 41P
1553B Bus Controller/Remote Terminal
More results

Similar Description - MA360

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
MA357J PANASONIC-MA357J Datasheet
22Kb / 2P
Silicon epitaxial planer type
MA367 PANASONIC-MA367 Datasheet
23Kb / 2P
Silicon epitaxial planer type
logo
PACELEADER INDUSTRIAL
PSL12 PACELEADER-PSL12 Datasheet
260Kb / 2P
SILICON EPITAXIAL PLANER TYPE
PSL22 PACELEADER-PSL22 Datasheet
262Kb / 2P
SILICON EPITAXIAL PLANER TYPE
PSL22-MH PACELEADER-PSL22-MH Datasheet
272Kb / 2P
SILICON EPITAXIAL PLANER TYPE
logo
SHENZHEN YONGERJIA INDU...
DLS120 WINNERJOIN-DLS120 Datasheet
121Kb / 2P
Silicon epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com