Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT42WS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAT42WS
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT42WS Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAT42WS Datasheet HTML 1Page - Rectron Semiconductor BAT42WS Datasheet HTML 2Page - Rectron Semiconductor BAT42WS Datasheet HTML 3Page - Rectron Semiconductor BAT42WS Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Schottky Barrier Diode
SOD-323
Marking: BAT42WS: S7
BAT43WS: S8
SOD-323 Small Outline Plastic Package
Maximum Ratings & Thermal Characteristics (Ratings at 25
ambient temperature unless otherwise specified.)
Parameters
Symbol
BAT42WS/BAT43WS
Unit
Maximum repetitive peak reverse voltage
VRRM
30
V
Maximum RMS voltage
VRMS
21
V
Maximum DC blocking voltage
VDC
30
V
Maximum average forward rectified current
IFM
200
mA
Repetitive Peak Forward Current @t<1.0s
IFRM
500
mA
Peak forward surge current 8.3 ms single half sine-wave
IFSM
4.0
A
Typical thermal resistance
R JA
500
/W
Power Dissipation
PD
200
Junction Temperature
Tj
125
Storage temperature range
TSTG
-55-+150
Electrical Characteristics
(Ratings at 25
ambient temperature unless otherwise specified).
Parameters
Symbol
Test conditions
Min
Typ
Max
Unit
BAT42WS/BAT43WS
VF
IF = 200mA
1.0
VF
IF = 10mA
0.40
BAT42WS
VF
IF = 50mA
0.65
VF
IF = 2.0mA
0.26
0.33
Maximum forward voltage
BAT43WS
VF
IF = 15mA
0.45
V
Maximum reverse breakdown voltage
VR
IR=10uA
30
V
Maximum reverse current
IR
VR=25V
0.5
uA
Type junction capacitance
Cj
VR = 1.0V, f = 1MHz
10
pF
Reverse recovery time
trr
IF=IR=10mA
Irr=0.1xIR,RL=100
5
nS
2020-11/24
REV:O
BAT43WS
Features
High Current Capability
Low Forward Voltage Drop
Mechanical Data
P/N suffix V means Halogen-free
Polarity: Color band denotes cathode end
Epoxy UL: 94V-0
Mounting Position: Any
P/N suffix V means AEC-Q101qualified, e.g:BAT42WSV
BAT42WSV
V


Similar Part No. - BAT42WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
BAT42WS WTE-BAT42WS Datasheet
30Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT42WS DIODES-BAT42WS Datasheet
65Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30100 Rev. 7 - 2
logo
Jiangsu Changjiang Elec...
BAT42WS JIANGSU-BAT42WS Datasheet
135Kb / 2P
SCHOTTKY DIODES
logo
Weitron Technology
BAT42WS WEITRON-BAT42WS Datasheet
172Kb / 3P
Surface Mount Schottky Barrier Diode
More results

Similar Description - BAT42WS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com