Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2171 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC2171
Description  100 kHz, 2.5A Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2171 Datasheet(HTML) 3 Page - Microchip Technology

  MIC2171 Datasheet HTML 1Page - Microchip Technology MIC2171 Datasheet HTML 2Page - Microchip Technology MIC2171 Datasheet HTML 3Page - Microchip Technology MIC2171 Datasheet HTML 4Page - Microchip Technology MIC2171 Datasheet HTML 5Page - Microchip Technology MIC2171 Datasheet HTML 6Page - Microchip Technology MIC2171 Datasheet HTML 7Page - Microchip Technology MIC2171 Datasheet HTML 8Page - Microchip Technology MIC2171 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006355A-page 3
MIC2171
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VIN) ...................................................................................................................................................40V
Switch Voltage (VSW)..................................................................................................................................................65V
Feedback Voltage (VFB) (transient, 1 ms).................................................................................................................±15V
Storage Temperature (TS)......................................................................................................................–65°C to +150°C
Lead Temperature (soldering 10 sec.) .................................................................................................................... 300°C
Operating Ratings ‡
Operating Ambient Temperature Range (TA)...........................................................................................–40°C to +85°C
Thermal Resistance
TO-220-5 (JA) ......................................................................................................................................................45°C/W
TO-263-5 (JA) ......................................................................................................................................................45°C/W
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability. Specifications are for packaged product only.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = 5V; TA = 25°C, unless otherwise specified. Bold values indicate –40°C ≤ TA ≤
85°C. Note 1, Note 2
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions
Reference
Feedback Voltage
VFB
1.220 1.240 1.264
V
VCOMP = 1.24V
1.214
—
1.274
Feedback Voltage Line
Regulation
∆VFB(LINE)
—
0.6
—
%/V
3V ≤ VIN ≤ 40V, VCOMP = 1.24V
Feedback Bias Current
IFB
—
310
750
nA
VFB = 1.24V
—
—
1100
Error Amplifier
Transconductance
gm
3.0
3.9
6.0
µA/mV ∆ICOMP = ±25 µA
2.4
—
7.0
Voltage Gain
AV
400
800
2000
V/V
0.9V ≤ VCOMP ≤ 1.4V
Output Current
ICOMP
125
175
350
µA
VCOMP = 1.5V
100
—
400
Output Swing
VCOMP(MAX)
1.8
2.1
2.3
V
High Clamp, VFB = 1V
VCOMP(MIN)
0.25
0.35
0.52
Low Clamp, VFB = 1.5V
Compensation Pin Threshold
VCOMP_TH
0.8
0.9
1.08
V
Duty Cycle = 0
0.6
—
1.25
Output Switch
ON Resistance
RSW(ON)
—
0.37
0.5
Ω
ISW = 2A, VFB = 0.8V
—
—
0.55
Current Limit
ICLIM
2.5
3.6
5.0
A
Duty Cycle = 50%, TJ ≥ 25°C
2.5
4.0
5.5
Duty Cycle = 50%, TJ < 25°C
2.5
3.0
5.0
Duty Cycle = 80%, Note 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com