Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2774 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC2774
Description  Dual Micropower Low Voltage Supervisor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2774 Datasheet(HTML) 3 Page - Microchip Technology

  MIC2774 Datasheet HTML 1Page - Microchip Technology MIC2774 Datasheet HTML 2Page - Microchip Technology MIC2774 Datasheet HTML 3Page - Microchip Technology MIC2774 Datasheet HTML 4Page - Microchip Technology MIC2774 Datasheet HTML 5Page - Microchip Technology MIC2774 Datasheet HTML 6Page - Microchip Technology MIC2774 Datasheet HTML 7Page - Microchip Technology MIC2774 Datasheet HTML 8Page - Microchip Technology MIC2774 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2022 Microchip Technology Inc.
DS20006527A-page 3
MIC2774
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VDD) ................................................................................................................................ –0.3V to +7.0V
Input Voltages (VIN, V/MR)......................................................................................................................... –0.3V to +7.0V
Output Voltages (V/RST, VRST).................................................................................................................. –0.3V to +7.0V
RST, (/RST) Current................................................................................................................................................20 mA
ESD Rating (Note 1) ............................................................................................................................................... 1.5 kV
Operating Ratings ††
Supply Voltage (VDD) ................................................................................................................................ +1.5V to +5.5V
Input Voltages (VIN, V/MR)......................................................................................................................... –0.3V to +6.0V
Output Voltage (V/RST, N Version) ............................................................................................................ –0.3V to +6.0V
Output Voltage (V/RST, VRST, H & L Versions) ..................................................................................–0.3V to VDD + 0.3V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: TA = +25°C, bold values valid for –40°C ≤ TA ≤ +85°C, unless noted. Note 1, Note 2
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Current
IDD
—
3.5
—
µA
VDD = VIN = VTH + 1.6%;
Note 2; /MR, RST, /RST open
VDD Voltage Threshold
Undervoltage Threshold on
VDD
VUV_THR
VTH –
1.5%
VTH
VTH +
1.5%
V
See Table 5-1
Hysteresis Voltage
VHYST
—
1
—
%
—
IN, Undervoltage Detector Input
Undervoltage Threshold
VREF
295
300
305
mV
Note 2
Hysteresis Voltage
VHYST
—
3
—
mV
—
Input Current
IIN
—
5
—
pA
—
—
—
10
nA
TMIN ≤ TA ≤ TMAX
RST, /RST Outputs
Propagation Delay
tPROP
—
20
—
µs
VIN = (VREF(MAX) + 100 mV) to
VIN = (VREF(MIN) – 100 mV),
/MR = open
Reset Pulse Width
tRST
140
—
280
ms
TMIN ≤ TA ≤ TMAX
RST or /RST Output Voltage
Low
VOL
—
—
0.3
V
ISINK = 1.6 mA; VDD ≥ 1.6V
—
—
0.3
ISINK = 100 µA; VDD ≥ 1.2V; Note 3
Note 1: Specification for packaged product only.
2: VDD equals nominal “Typical Application (VDD)” as shown in Table 5-1.
3: VDD operating range is 1.5V to 5.5V. Output is guaranteed to be asserted down to VDD = 1.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com