Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4423 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC4423
Description  Dual 3A Peak Low-Side MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4423 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC4423 Datasheet HTML 9Page - Microchip Technology MIC4423 Datasheet HTML 10Page - Microchip Technology MIC4423 Datasheet HTML 11Page - Microchip Technology MIC4423 Datasheet HTML 12Page - Microchip Technology MIC4423 Datasheet HTML 13Page - Microchip Technology MIC4423 Datasheet HTML 14Page - Microchip Technology MIC4423 Datasheet HTML 15Page - Microchip Technology MIC4423 Datasheet HTML 16Page - Microchip Technology MIC4423 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006638A-page 13
MIC4423/4/5
4.9
Inductive Load Power Dissipation
For inductive loads the situation is more complicated.
For the part of the cycle in which the driver is actively
forcing current into the inductor, the situation is the
same as it is in the resistive case:
EQUATION 4-4:
However, in this instance the RO required may be either
the on resistance of the driver when its output is in the
high state, or its on resistance when the driver is in the
low state, depending on how the inductor is connected,
and this is still only half the story. For the part of the
cycle when the inductor is forcing current through the
driver, dissipation is best described as:
EQUATION 4-5:
The two parts of the load dissipation must be summed
in to produce PL.
EQUATION 4-6:
4.10 Quiescent Power Dissipation
Quiescent power dissipation (PQ, as described in the
input section) depends on whether the input is high or
low. A low input will result in a maximum current drain
(per driver) of ≤0.2 mA; a logic high will result in a
current drain of ≤2.0 mA. Quiescent power can
therefore be found from:
EQUATION 4-7:
4.11 Transition Power Dissipation
Transition power is dissipated in the driver each time its
output changes state, because during the transition, for
a very brief interval, both the N-Channel and
P-Channel MOSFETs in the output totem-pole are ON
simultaneously, and a current is conducted through
them from VS to ground. The transition power
dissipation is approximately:
EQUATION 4-8:
Total power (PD) then, is described as:
EQUATION 4-9:
Examples show the relative magnitude for each term.
PL1 I
2 R D
O
=
PL2 I VD 1 D
=
Where:
VD =
The forward drop of the clamp diode in the
driver (generally around 0.7V).
PL PL1 PL2
+
=
PQ VS D IH 1 D
IL
+
=
Where:
IH =
Quiescent current with input high
IL =
Quiescent current with input low
D =
Fraction of time input is high (duty cycle)
VS =
Power supply voltage
PT f VS A s
=
Where:
(A x s) = is a time current factor derived from
Figure 4-1
PD PL PQ PT
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com