Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4425 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC4425
Description  Dual 3A Peak Low-Side MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4425 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC4425 Datasheet HTML 18Page - Microchip Technology MIC4425 Datasheet HTML 19Page - Microchip Technology MIC4425 Datasheet HTML 20Page - Microchip Technology MIC4425 Datasheet HTML 21Page - Microchip Technology MIC4425 Datasheet HTML 22Page - Microchip Technology MIC4425 Datasheet HTML 23Page - Microchip Technology MIC4425 Datasheet HTML 24Page - Microchip Technology MIC4425 Datasheet HTML 25Page - Microchip Technology MIC4425 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006638A-page 23
MIC4423/4/5
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC4423:
3A Peak, Dual Inverting High Speed,
Low-Side MOSFET Driver, Industrial
Grade, –40°C to +85°C Temperature
Range, RoHS Compliant
MIC4423-YM
8-Lead SOIC Package, 95/Tube
MIC4423-YM-TR
8-Lead SOIC Package, 2500/Reel
MIC4423-YN
8-Lead PDIP Package, 50/Tube
MIC4423-YWM
16-Lead SOIC Wide Package,
47/Tube
MIC4423-YWM-TR
16-Lead SOIC Wide Package,
1000/Reel
b) MIC4423:
3A Peak, Dual Inverting High Speed,
Low-Side MOSFET Driver, Commercial
Grade, 0°C to +70°C Temperature
Range, RoHS Compliant
MIC4423-ZN
8-Lead PDIP Package, 50/Tube
MIC4423-ZWM
16-Lead SOIC Wide Package,
47/Tube
MIC4423-ZWM-TR
16-Lead SOIC Wide Package,
1000/Reel
c) MIC4424:
3A Peak, Dual Non-Inverting High
Speed, Low-Side MOSFET Driver,
Industrial Grade, –40°C to +85°C
Temperature Range, RoHS Compliant
MIC4424-YM
8-Lead SOIC Package, 95/Tube
MIC4424-YM-TR
8-Lead SOIC Package, 2500/Reel
MIC4424-YN
8-Lead PDIP Package, 50/Tube
MIC4424-YWM
16-Lead SOIC Wide Package,
47/Tube
MIC4424-YWM-TR
16-Lead SOIC Wide Package,
1000/Reel
d) MIC4424:
3A Peak, Dual Non-Inverting High
Speed, Low-Side MOSFET Driver,
Commercial Grade, 0°C to +70°C
Temperature Range, RoHS Compliant
MIC4424-ZN
8-Lead PDIP Package, 50/Tube
MIC4424-ZWM
16-Lead SOIC Wide Package,
47/Tube
MIC4424-ZWM-TR
16-Lead SOIC Wide Package,
1000/Reel
e) MIC4425:
3A-Peak, Dual Inverting Plus Non-
Inverting Hi-Speed, Low-Side MOSFET
Driver, Industrial Grade, –40°C to
+85°C Temperature Range, RoHS
Compliant
MIC4425-YM
8-Lead SOIC Package, 95/Tube
MIC4425-YM-TR
8-Lead SOIC Package, 2500/Reel
MIC4425-YN
8-Lead PDIP Package, 50/Tube
MIC4425-YWM
16-Lead SOIC Wide Package,
47/Tube
MIC4425-YWM-TR
16-Lead SOIC Wide Package,
1000/Reel
f) MIC4425:
3A-Peak, Dual Inverting Plus Non-
Inverting Hi-Speed, Low-Side MOSFET
Driver, Commercial Grade, –40°C to
+85°C Temperature Range, RoHS
Compliant
MIC4425-ZWM
16-Lead SOIC Wide Package,
47/Tube
MIC4425-ZWM-TR
16-Lead SOIC Wide Package,
1000/Reel
PART NO.
XX
Package
Device
Device:
MIC4423: Dual 3A Peak Low-Side MOSFET Driver
Bi-Polar/CMOS/DMOS Process, Dual
Inverting
MIC4424: Dual 3A Peak Low-Side MOSFET Driver
Bi-Polar/ CMOS/DMOS Process, Dual
Non-Inverting
MIC4425: Dual 3A Peak Low-Side MOSFET Driver
Bi-Polar/CMOS/DMOS Process,
Inverting plus Non-Inverting
Junction
Temperature Range:
Y
=
–40°C to +85°C (RoHs Compliant)
Z
=
0°C to +70°C (RoHs Compliant)
Package:
N
=
8-Lead PDIP
M
=
8-Lead SOIC
WM =
16-Lead SOIC (Wide Body)
Media Type:
blank = 95/Tube (M, SOIC)
blank = 50/Tube (N, PDIP)
blank = 47/Tube (WM, SOIC)
TR
= 2,500/Reel (M, SOIC)
TR
= 1,000/Reel (WM, SOIC)
X
Junction
Note 1:
Tape and Reel identifier only appears in the catalog part number
description. This identifier is used for ordering purposes and is not
printed on the device package. Check with your Microchip Sales
Office for package availability with the Tape and Reel option.
–XX
Media Type
Temperature
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com