Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4423-YN Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC4423-YN
Description  Dual 3A Peak Low-Side MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4423-YN Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC4423-YN Datasheet HTML 2Page - Microchip Technology MIC4423-YN Datasheet HTML 3Page - Microchip Technology MIC4423-YN Datasheet HTML 4Page - Microchip Technology MIC4423-YN Datasheet HTML 5Page - Microchip Technology MIC4423-YN Datasheet HTML 6Page - Microchip Technology MIC4423-YN Datasheet HTML 7Page - Microchip Technology MIC4423-YN Datasheet HTML 8Page - Microchip Technology MIC4423-YN Datasheet HTML 9Page - Microchip Technology MIC4423-YN Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MIC4423/4/5
DS20006638A-page 6
2022 Microchip Technology Inc. and its subsidiaries
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Fall Time vs. Supply
Voltage.
FIGURE 2-3:
Rise Time vs. Capacitive
Load.
FIGURE 2-4:
Fall Time vs. Capacitive
Load.
FIGURE 2-5:
Rise and Fall Time vs.
Temperature.
FIGURE 2-6:
Propagation Delay vs. Input
Amplitude.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
20
40
60
80
100
46
8
10
12
14
16
18
V
SUPPLY (V)
4700pF
2200pF
1800pF
1000pF
470pF
3300pF
0
20
40
60
80
100
4
6
8
10 12 14 16 18
V
SUPPLY (V)
1000pF
1800pF
2200pF
3300pF
4700pF
470pF
0
20
40
60
80
100
100
1000
10000
C
LOAD (pF)
5V
12V
18V
0
20
40
60
80
100
100
1000
10000
C
LOAD (pF)
5V
18V
12V
0
10
20
30
40
-75
-30
15
60
105
150
T
R
T
F
V
S = 18V
C
LOAD = 1800pF
0
10
20
30
40
50
02468
10
12
INPUT (V)
V
S = 18V
C
LOAD = 1800pF
T
D1
T
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com