Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-2002180100 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # ATS-2002180100
Description  Hand Crimp Tool For Mini-Fit??TPA Male and Female Crimp Terminals
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

ATS-2002180100 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  ATS-2002180100 Datasheet HTML 1Page - Molex Electronics Ltd. ATS-2002180100 Datasheet HTML 2Page - Molex Electronics Ltd. ATS-2002180100 Datasheet HTML 3Page - Molex Electronics Ltd. ATS-2002180100 Datasheet HTML 4Page - Molex Electronics Ltd. ATS-2002180100 Datasheet HTML 5Page - Molex Electronics Ltd. ATS-2002180100 Datasheet HTML 6Page - Molex Electronics Ltd. ATS-2002180100 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Hand Crimp Tool For Mini-Fit™ TPA Male and Female Crimp Terminals
Doc No: ATS-2002180100 Release Date: 01-13-17
UNCONTROLLED COPY
Page 2 of 7
Revision: A
Revision Date: 01-13-17
RELEASE
LOCATOR
BUTTON
TERMINAL
Figure 3
LOCATOR
PUSHED THRU
TOOLING
TERMINAL
LOCATOR
BUTTON
PUSHED IN
LOCATOR
CONDITIONS
After crimping, the crimped terminal should measure as follows:
Terminal
Part No.
Wire Size
Conductor Crimp
Insulation Crimp
Pull Force
Minimum
+ Profile
Height
Width (Ref.) Height (Ref.) Width (Ref.)
AWG mm2
mm
In.
mm
In.
mm
In.
mm
In.
N
Lb.
A B C
172718-31xx
18
NA
1.05 – 1.15 0.041 – 0.045 1.52 0.060
2.14 0.084 2.06 0.081
89
20.0
X
172718-31xx
2.50 0.098 2.40 0.094
X
172718-41xx
3.10 0.122 3.10 0.122
X
172765-31xx
18
NA
1.05 – 1.15 0.041 – 0.045 1.52 0.060
2.14 0.084 2.06 0.081
89
20.0
X
172765-31xx
2.50 0.098 2.40 0.094
X
172765-41xx
3.10 0.122 3.10 0.122
X
+ To Achieve IPC-A-620 Class 2 Crimps, the following over-all wire insulation diameter ranges are recommended:
Profile A:
1.93 – 2.03mm (0.076 – 0.080 inch) or UL1007
Profile B:
2.59 – 2.79mm (0.102 – 0.110 inch) or UL1015
Profile C:
1.58 – 1.78mm (0.062 – 0.070 inch) or UL1061
Tool Qualification Notes:
1. Pull Force should be measured with no influence from the insulation crimp.
2. The above specifications are guidelines to an optimum crimp.
▲Note:
The crimp height chart is provided with this document as Reference Only. Due to the wide range of wires, strands,
insulation diameters, and insulation hardness available, actual crimp height measurements may vary slightly. An
occasional, destructive, pull force test should be performed to verify the conductor crimp. Pull Force value must
exceed the Minimum pull force specifications
listed.
OPERATION
CAUTION: Crimp only the Molex terminals
listed in the scope for this tool. Do not crimp
hardened objects as damage can occur to
the tool frame and/or crimp dies.
Open the tool by squeezing the handles together.
At the end of the closing stroke, the ratchet
mechanism will release the handles and the hand
tool will spring open. See Figure 1.
SQUEEZE
HANDLES
TOGETHER
HANDLE WILL
SPRING OPEN
Figure 1
LOCATOR
IN DOWN
POSTION
PUSH ON THE
LOCATOR BUTTON
Figure 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com