Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSC200 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UPSC200
Description  Silicon Carbide Schottky Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPSC200 Datasheet(HTML) 2 Page - Microsemi Corporation

  UPSC200 Datasheet HTML 1Page - Microsemi Corporation UPSC200 Datasheet HTML 2Page - Microsemi Corporation UPSC200 Datasheet HTML 3Page - Microsemi Corporation UPSC200 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P
P R
R E
E L
L II M
M II N
N A
A R
R Y
Y
Microsemi
580 Pleasant Street, Watertown, MA. 02472-2408, 617-926-0404, Fax: 617-924-1235
Page 2
Copyright
 2001
Rev. 0.02, 2001-09-26
UPSC200/UPSC400/UPSC600
Silicon Carbide Schottky Rectifiers
PRODUCT PREVIEW
WA TER T O WN D I V I S IO N
ELECTRICAL PARAMETERS @ 25°C (unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ.
Max
Units
Off Characteristics
Forward Voltage:
VF
IF = 1 A
1.6
1.8
V
Reverse Current:
IR
VR = Max Rating
20
50
µA
Dynamic characteristics
Capacitance
CT
VR = 200V; F = 1 MHZ
15
20
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com