Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8022 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC8022
Description  2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8022 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC8022 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8021/VSC8022
2.5Gb/s SONET-Compatible
8-Bit MUX/DEMUX Chipset
Page 4
G52028-0, Rev 4.1
05/25/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
VSC8021 Multiplexer AC Characteristics (Over recommended operating conditions)
Figure 3: VSC8021 Multiplexer Waveforms
Table 1: VSC8021 Multiplexer AC Characteristics (over recommended operating conditions)
NOTES: (1) The parts are guaranteed by design to operate from DC to a maximum frequency of 2.5GHz.
(2) Required when SYNC not connected to ERR.
Parameter
Description
Min
Typ
Max
Units
Conditions
tC
Clock period(1)
400
ps
tD
BYTE clock period (tD = tC x 8)
3.2
ns
tDSU
Parallel data set-up time
0.6
ns
tDH
Data hold time
1.4
ns
tCMD
High-speed clock output (CO, CON) timing, falling
edge of CO to muxed data output, (DO, DON) timing
220
350
ps
tBCLK8
Byte clock to CLK8 timing(2)
0.5
1.0
1.5
ns
Jitter (p-p)
CLKI, CLKIN to DO, DON (max-min), (HI to LO),
same part, same pin at constant conditions
<50
ps
t D
t C
VALID DATA(2)
tDH
Serialized Byte 1
D01
D02
D03
D04
D05
D06
D07
D08
tDSU
VALID DATA(1)
tCMD
NOTES:
= Don’t care.
period x 8 =
period.
CLKI (CLKIN)
BYCLK (BYCLKN)
(1) Negative edge is active edge.
(2) BYCLK/CLK8 timing required when SYNC not connected to ERR.
tBCLK8
High speed differential clock input
D1-D8, D1N-D8N
CO, CON
DO,DON
Byte clock input
Parallel differential data inputs
High speed differential clock outputs
High speed differential data outputs
SYNC
CLK8 adjustment input
CLKI , CLKIN
(1)
BYCLK (BYCLKN)
(1)
Phase adjustable ÷8 output
CLK8
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com