Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N02L163WC2AB Datasheet(PDF) 11 Page - NanoAmp Solutions, Inc.

Part # N02L163WC2AB
Description  2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02L163WC2AB Datasheet(HTML) 11 Page - NanoAmp Solutions, Inc.

Back Button N02L163WC2AB Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 9Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 10Page - NanoAmp Solutions, Inc. N02L163WC2AB Datasheet HTML 11Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
(DOC# 14-02-013 REV G ECN# 01-1270)
11
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N02L163WC2A
Ordering Information
© 2001 - 2002 Nanoamp Solutions, Inc. All rights reserved.
NanoAmp Solutions, Inc. ("NanoAmp") reserves the right to change or modify the information contained in this data sheet and the products described therein, without prior notice.
NanoAmp does not convey any license under its patent rights nor the rights of others. Charts, drawings and schedules contained in this data sheet are provided for illustration pur-
poses only and they vary depending upon specific applications.
NanoAmp makes no warranty or guarantee regarding suitability of these products for any particular purpose, nor does NanoAmp assume any liability arising out of the application
or use of any product or circuit described herein. NanoAmp does not authorize use of its products as critical components in any application in which the failure of the NanoAmp
product may be expected to result in significant injury or death, including life support systems and critical medical instruments.
Revision History
Revision
Date
Change Description
A
Jan. 2001
Initial Preliminary Release
B
May 2001
Changed access time to 55 ns
C
Sept. 2001
Minor parametric modifications. Full production release.
D
Dec. 2001
Part number change from EM128J16, modified Overview and Features, added
Page Mode Operation diagram, revised Operating Characteristics table, Package
diagram, Functional Description table and Ordering Information diagram
E
Nov. 2002
Replaced Isb and Icc on Product Family table with typical values
F
Oct. 2004
Added Pb-Free and Green Package Option
G
Nov. 2005
Removed Pb-Free Pkg., added Green Pkg, RoHS compliant
N02L163WC2AX-XX X
I = Industrial, -40°C to 85°C
55 = 55ns
T = 44-pin TSOP II
B = 48-ball BGA
T2 = 44-pin TSOP II Green Package (RoHS Compliant)
B2 = 48-ball BGA Green Package (RoHS Compliant)
Temperature
Performance
Package Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com