Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100C0611-18-J2-R Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # 100C0611-18-J2-R
Description  SP2T Relay
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

100C0611-18-J2-R Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  100C0611-18-J2-R Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CONTROL VOLTAGE TABLE
Voltage
Current - Typical
6
65 mA
12
32 mA
18
21 mA
26
17 mA
1/2 W
1/2 W
Ω
Ω
21
3
+V
COM
•
•
••
•
•
50
J1
J2
50
J3
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
DC
450
MHz
DC Voltage
See Table
Insertion Loss
0.1
0.2
dB
DC - 50 MHz
0.3
0.35
dB
50 - 250 MHz
0.5
0.60
dB
250 - 450 MHz
Isolation
70
80
dB
DC - 50 MHz
55
65
dB
50 - 250 MHz
45
50
dB
250 - 450 MHz
VSWR
Thru
1.05/1
1.15/1
DC - 50 MHz
1.15/1
1.2/1
50 - 250 MHz
1.3/1
1.4/1
250 - 450 MHz
Impedance
50
OHMS
Switching Speed
5
mSEC
RF Power
Operate
20
W
CW
Operating Temperature
-55
+25
+85
°CTA
GUARANTEED PERFORMANCE
TYPICAL PERFORMANCE
at 25
°C
FREQUENCY (MHz)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1000
400
100
40
10
4
1
0
30
60
90
120
ISO
VSWR
I. LOSS
PART NO. EXAMPLE
100C0611 - 6 - F/S - R - 75
Add for 75
Ω
Termination.
Omit for 50
Ω
Termination.
Basic
Part Number
Dash No. for
Coil Voltage
(See Table).
“F/S” for Failsafe J1 to J2
omit for Standard.
For Reverse Polarity
of Diodes. Omit for
Standard. See Schematic
for Standard.
.xx = .02
.xxx = .010
1.50
± .03
.28 MAX
SOLDER
TERMINAL
(3 PLACES)
J1
.093 DIA THRU
4 HOLES
SMA FEMALE
(3 PLACES)
J2
J3
.75
1.50
±.03
PART
IDENTIFICATION
.62
± .03
1.336
.08
.44
TYP
.08
1.336
.22
± .03
TYP
3
2
1
MODEL NO.
100C0611
SP2T Relay
FEATURES
DC - 450 MHz
50
Ω or 75Ω Terminations
20 Watts CW
SMA Connectors
Diode Suppression of Switching Transients
SP2 T
D A ICO
I ndustries


Similar Part No. - 100C0611-18-J2-R

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C0612 DAICO-100C0612 Datasheet
150Kb / 1P
SP3T Relay
100C0612-12-J1-R-50 DAICO-100C0612-12-J1-R-50 Datasheet
150Kb / 1P
SP3T Relay
100C0612-12-J1-R-75 DAICO-100C0612-12-J1-R-75 Datasheet
150Kb / 1P
SP3T Relay
100C0612-12-J2-R-50 DAICO-100C0612-12-J2-R-50 Datasheet
150Kb / 1P
SP3T Relay
100C0612-12-J2-R-75 DAICO-100C0612-12-J2-R-75 Datasheet
150Kb / 1P
SP3T Relay
More results

Similar Description - 100C0611-18-J2-R

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0842 DAICO-DS0842 Datasheet
46Kb / 1P
GaAs SP2T
DS0813-T DAICO-DS0813-T Datasheet
43Kb / 1P
GaAs SP2T
100C0350 DAICO-100C0350 Datasheet
39Kb / 1P
SP2T Relay
100C1003 DAICO-100C1003 Datasheet
136Kb / 1P
SP2T Relay
DS0602 DAICO-DS0602 Datasheet
180Kb / 1P
GaAs SP2T
DS0712 DAICO-DS0712 Datasheet
158Kb / 1P
GaAs SP2T
DS0850-T DAICO-DS0850-T Datasheet
144Kb / 1P
GaAs SP2T
DSW22023 DAICO-DSW22023 Datasheet
155Kb / 1P
GaAs SP2T
DSW22201 DAICO-DSW22201 Datasheet
163Kb / 1P
Switch SP2T
DSW25112 DAICO-DSW25112 Datasheet
133Kb / 1P
SP2T Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com