Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB3803X Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DB3803X
Description  SUPER BRIGHT LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DB3803X Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  DB3803X Datasheet HTML 1Page - List of Unclassifed Manufacturers DB3803X Datasheet HTML 2Page - List of Unclassifed Manufacturers DB3803X Datasheet HTML 3Page - List of Unclassifed Manufacturers DB3803X Datasheet HTML 4Page - List of Unclassifed Manufacturers DB3803X Datasheet HTML 5Page - List of Unclassifed Manufacturers DB3803X Datasheet HTML 6Page - List of Unclassifed Manufacturers DB3803X Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
FR 3863X
I SUPER BRIGHT LED
I Forward Voltage vs. Forward Current
I Forward Current vs. Relative Intensity
I Ambient Temperature vs. Relative Intensity
I Pulse Duration vs.Maximum Tolerable Peak Current
I Duty Cycle vs. Maximum Forward Current
I Power Dissipation vs. Ambient Temperature
I Ambient Temperature vs. Maximum Forward Current
I Forward Voltage vs. Ambient Temperature I Spectral Distribution
Forward Voltage VF (V)
Forward Current IF (mA)
Ambient Temperature Ta(˚C)
Pulse Duration
Duty Cycle(%)
Ambient Temperature Ta(˚C)
Ambient Temperature Ta(˚C)
Ambient Temperature Ta(˚C)
Wave Length
λ(nm)
1.0
1.5
2.0
2.5
3.0
1000
100
10
1
0.1
Ta = 25˚C
0
10
20304050
60
3.0
2.5
2.0
1.5
1.0
0.5
0
Ta = 25˚C
-40 -20 0
20 40 60 80 100
10.0
1.0
0.1
IF=20mA
1
1000
500
200
100
50
20
10
5
2
2
5 10 20
50 100200
Ta = 25˚C
-40 -20 0
20 40 60 80 100
140
120
100
80
60
40
20
0
-40 -20 0
20 40 60 80 100
250
200
150
100
50
0
Duty=5%
10%
20%
50%
DC
f≥
_50Hz
tw≤
_1ms
-40 -20 0
20 40 60 80 100
2.4
2.2
2.0
1.8
1.6
1.4
0
IF=20mA
IF=10mA
IF=1mA
1.0
0.8
0.6
0.4
0.2
0
540 560 580 600 620 640 660 680
Ta=25˚C
IF=20mA
1
10
2
5
1
10
1
10
2
10
3
10
4
10
5
Ta=25˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com