Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24HC02B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24HC02B
Description  Utilizes Different Array Protection Compared
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24HC02B Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24HC02B Datasheet HTML 1Page - ATMEL Corporation AT24HC02B Datasheet HTML 2Page - ATMEL Corporation AT24HC02B Datasheet HTML 3Page - ATMEL Corporation AT24HC02B Datasheet HTML 4Page - ATMEL Corporation AT24HC02B Datasheet HTML 5Page - ATMEL Corporation AT24HC02B Datasheet HTML 6Page - ATMEL Corporation AT24HC02B Datasheet HTML 7Page - ATMEL Corporation AT24HC02B Datasheet HTML 8Page - ATMEL Corporation AT24HC02B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
AT24HC02B
5134A–SEEPR–9/05
WRITE PROTECT (WP): The AT24HC02B has a WP pin that provides hardware data
protection. The WP pin allows normal read/write operations when connected to ground
(GND). When the WP pin is connected to V
CC, the write protection feature is enabled
and operates as shown.
Table 2. Write Protect
Memory Organization AT24HC02B, 2K SERIAL EEPROM: The 2K is internally organized with 32 pages of 8
bytes each. Random word addressing requires an 8-bit data word address.
Note:
1. This parameter is characterized and is not 100% tested.
WP Pin Status
Part of the Array Protected
24HC02B
At VCC
Upper Half (1K) Array
At GND
Normal Read/Write Operations
Table 3. Pin Capacitance
(1)
Applicable over recommended operating range from T
AI = 25°C, f = 1.0 MHz, VCC = +1.8V
Symbol
Test Condition
Max
Units
Conditions
C
I/O
Input/Output Capacitance (SDA)
8
pF
V
I/O = 0V
CIN
Input Capacitance (A0, A1, A2, SCL)
6
pF
VIN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com