Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8096946 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8096946
Description  Ball valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8096946 Datasheet(HTML) 1 Page - Festo Corporation.

  8096946 Datasheet HTML 1Page - Festo Corporation. 8096946 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ball valve
VZBE-3/4-T-63-F-3L-F04-M-V15V15
Part number: 8096946
Data sheet
Feature
Value
Structural design
3-way ball valve
Drilled L hole
Actuation type
Mechanical
Sealing principle
Soft
Mounting position
Any
Type of mounting
Line installation
Fitting connection
3/4 NPT
Switching position indication
Slot direction = flow direction
Flange hole pattern
F04
Inside diameter
16 mm
Nominal width DN
20
Valve function
3/2
Flow direction
Reversible
Nominal pressure of fitting PN
63
Breakaway torque at differential pressure, nominal pressure, fitting PN
14.3 Nm
Based on norm
ASME B1.20.1
ISO 5211
Symbol
00991888
Medium
Vapor
Compressed air as per ISO 8573-1:2010 [-:-:-]
Inert gas
Water
Neutral liquids
Temperature of medium
-20 °C ... 200 °C
Flow rate Kv type L
3.2 m³/h
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Housing material
Cast stainless steel
Material number of housing
1.4408
Seat seal material
PTFE
Seals material
PTFE
7/1/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8096946

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8096943 FESTO-8096943 Datasheet
86Kb / 2P
Ball valve
7/1/22
8096944 FESTO-8096944 Datasheet
86Kb / 2P
Ball valve
7/1/22
8096945 FESTO-8096945 Datasheet
86Kb / 2P
Ball valve
7/1/22
8096947 FESTO-8096947 Datasheet
85Kb / 2P
Ball valve
7/1/22
8096948 FESTO-8096948 Datasheet
86Kb / 2P
Ball valve
7/1/22
More results

Similar Description - 8096946

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
153484 FESTO-153484 Datasheet
95Kb / 2P
Ball valve
4/15/22
153487 FESTO-153487 Datasheet
87Kb / 2P
Ball valve
4/15/22
8089038 FESTO-8089038 Datasheet
98Kb / 2P
Ball valve
6/30/22
8089045 FESTO-8089045 Datasheet
96Kb / 2P
Ball valve
6/30/22
8089056 FESTO-8089056 Datasheet
87Kb / 2P
Ball valve
6/30/22
8096667 FESTO-8096667 Datasheet
85Kb / 2P
Ball valve
6/30/22
4745221 FESTO-4745221 Datasheet
82Kb / 2P
Ball valve
7/1/22
4745225 FESTO-4745225 Datasheet
82Kb / 2P
Ball valve
7/1/22
4834288 FESTO-4834288 Datasheet
99Kb / 2P
Ball valve
7/1/22
4834293 FESTO-4834293 Datasheet
100Kb / 2P
Ball valve
7/1/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com