Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS932S200 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS932S200
Description  Frequency Timing Generator for Dual Server/Workstation Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S200 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS932S200 Datasheet HTML 4Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 5Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 6Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 7Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 8Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 9Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 10Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 11Page - Integrated Circuit Systems ICS932S200 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
ICS932S200
0427C—07/03/02
Electrical Characteristics - PCICLK
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 60 pF for PCI0 & PCI1, CL = 30 pF for other PCIs
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -11 mA
2.4
3.1
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.2
0.4
V
Output High Current
IOH1
VOH =2.0 V
-60
-22
mA
Output Low Current
IOL1
VOL =0.8 V
25
45
mA
Rise Time
1
tr1
VOL =0.4 V, VOH = 2.4 V
0.5
1.2
2
ns
Fall Time
1
tf1
VOH =2.4 V, VOL = 0.4 V
0.5
1.1
2
ns
Duty Cycle
1
dt1
VT =1.5 V
45
50.8
55
%
Skew
1
tsk1
VT =1.5 V
79
500
ps
Jitter, One Sigma
1
tj1σ1
VT =1.5 V
150
ps
Jitter, Absolute
1
tjabs1
VT =1.5 V
-250
250
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
129
250
ps
1
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - IOAPIC
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH4B
IOH =-12 mA
2
2.23
V
Output Low Voltage
VOL4B
IOL =12 mA
0.3
0.4
V
Output High Current
IOH4B
VOH =1.7 V
-36
-16
mA
Output Low Current
IOL4B
VOL =0.7 V
19
26
mA
Rise Time
1
Tr4B
VOL =0.4 V, VOH = 2.0 V
0.4
1.35
1.6
ns
Fall Time
1
Tf4B
VOH =2.0 V, VOL = 0.4 V
0.4
1.01
1.6
ns
Duty Cycle
1
Dt4B
VT = 1.25 V
45
50.3
55
%
Skew
tsk4B
1
VT = 1.25 V
63
250
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc4B
VT = 1.25 V
80
250
ps
1
Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com