Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSB405S Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MSB405S
Description  VOLTAGE RANGE 600 Volts CURRENT 4.0 Ampere FAST RECOVERY BRIDGE RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MSB405S Datasheet(HTML) 1 Page - Rectron Semiconductor

  MSB405S Datasheet HTML 1Page - Rectron Semiconductor MSB405S Datasheet HTML 2Page - Rectron Semiconductor MSB405S Datasheet HTML 3Page - Rectron Semiconductor MSB405S Datasheet HTML 4Page - Rectron Semiconductor MSB405S Datasheet HTML 5Page - Rectron Semiconductor MSB405S Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VOLTAGE RANGE 600 Volts CURRENT 4.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
FEATURES
* Good for automation insertion
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Mounting position: Any
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
2018-12
REV:O
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
I2t
TJ,TSTG
VRMS
Volts
Volts
Amps
4.0
120
59.76
-55 to + 150
0 C
UNITS
Maximum Average Forward Output Current at TC = 110
oC
600
420
Volts
Amps
A
2S
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
.90
2.0
mAmps
μAmps
Element at 2.0A DC
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 150
oC
2.0
R JA
0C/W
R JL
Typical Thermal Resistance (Note 2)
Typical Current Squared Time
Note: 1.”ROHS compliant”.
2. Thermal Resistance: Mounted on PCB.
55
15
Maximum Reverse Current at Rated
FAST RECOVERY BRIDGE RECTIFIER
MSB405S
Dimensions in inches and (millimeters)
MSBS
-
+
~~
* Halogen-free
MSB405S
MSB405S
* UL listed the recognized component directory, file #E94233
600
Maximum Reverse Recovery Time (Note 3)
trr
3. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A.
500
nSec


Similar Part No. - MSB405S

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
MSB405 BYTESONIC-MSB405 Datasheet
752Kb / 3P
SINGLE PHASE 4.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
Version 1.1 2018/2/27
More results

Similar Description - MSB405S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF47 RECTRON-SF47 Datasheet
29Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER (VOLTAGE 600 Volts CURRENT 4.0 Ampere)
05F1 RECTRON-05F1 Datasheet
420Kb / 5P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 0.5 Ampere
logo
Chenmko Enterprise Co. ...
1N4933GPT CHENMKO-1N4933GPT Datasheet
95Kb / 2P
FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 - 600 Volts CURRENT 1.0 Ampere
1N4942GPT CHENMKO-1N4942GPT Datasheet
80Kb / 2P
FAST RECOVERY RECTIFIER VOLTAGE RANGE 200 - 1000 Volts CURRENT 1.0 Ampere
BA157PT CHENMKO-BA157PT Datasheet
85Kb / 2P
FAST RECOVERY RECTIFIER VOLTAGE RANGE 400 - 1000 Volts CURRENT 1.0 Ampere
logo
Rectron Semiconductor
05F1L RECTRON-05F1L Datasheet
234Kb / 5P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 0.5 Ampere
SF1 RECTRON-SF1 Datasheet
423Kb / 5P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SF1 RECTRON-SF1_10 Datasheet
368Kb / 7P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
Kingtronics Internation...
KBL4005-KBL410 KINGTRONICS-KBL4005-KBL410_16 Datasheet
334Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
logo
Rectron Semiconductor
R2000H RECTRON-R2000H Datasheet
468Kb / 5P
HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com