Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICSLV810 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICSLV810
Description  Buffer/Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSLV810 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICSLV810 Datasheet HTML 1Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 2Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 3Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 4Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 5Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 6Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 7Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 8Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Buffer/Clock Driver
MDS LV810 F
4
Revision 101305
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICSLV810
DC Electrical Characteristics—CLKIN and Bank A
VDDA = 2.5 V, Ambient Temperature -40
° C to +85° C
Note1: This parameter is not tested, guaranteed by design.
DC Electrical Characteristics—Bank B
VDDB = 2.5 V, Ambient Temperature -40
° C to +85° C, unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDDA
1.425
2.625
V
Quiescent Power Supply
Current
IDDA
No Load
F = 40 MHz
15
mA
Short Circuit Current
IOS
CLK 1 - 5
±80
mA
Input High Voltage,
CLKIN
VIH
Guaranteed
Logic Level
High
1.6
V
Input Low Voltage,
CLKIN
VIL
Guaranteed
Logic Level Low
0.8
V
Output High Voltage
VOH
VIN = VIH or
VIL
IOH = -7 mA
1.8
V
Output Low Voltage
VOL
VIN = VIH or
VIL
IOL =12 mA
0.4
V
Input High Current
IIH
VDD = max
VIN = 2.4 V
1
µA
Input Low Current
IIL
VDD = max
VIN = 0.5 V
-1
µA
Input High Current
II
VDD = max
VIN = VDD
(max)
20
µA
Input Capacitance
CIN
VIN = 0V, Note1
5
6.0
pF
Output Capacitance
COUT
VOUT = 0V,
Note1
5.5
8.0
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDDB
1.425
2.625
V
Quiescent Power
Supply Current
IDDB
VDDB = 2.5 V
No Load
F = 40 MHz
7mA
VDDB = 1.5 V
No Load
F = 40 MHz
3mA
Short Circuit
Current
IOS
VDDB = 1.5 V
CLK8-10
±35
mA
VDDB = 2.5 V
CLK8-10
±80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com