Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL2N3 Datasheet(PDF) 2 Page - Supertex, Inc

Part # CL2N3
Description  Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL2N3 Datasheet(HTML) 2 Page - Supertex, Inc

  CL2N3 Datasheet HTML 1Page - Supertex, Inc CL2N3 Datasheet HTML 2Page - Supertex, Inc CL2N3 Datasheet HTML 3Page - Supertex, Inc CL2N3 Datasheet HTML 4Page - Supertex, Inc CL2N3 Datasheet HTML 5Page - Supertex, Inc CL2N3 Datasheet HTML 6Page - Supertex, Inc CL2N3 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Package Options
Absolute Maximum Ratings*
VA-B, Operating Voltage
100V
TJ, Operating Junction Temperature
-40°C to +125°C
Ts, Storage Temperature
-55°C to +150°C
*Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability.
Thermal Characteristics
Package
Power Dissipation
@ TA = 25°C
θ
JC
°C/W
θ
JA
°C/W
TO-92
0.6W
125
170
TO-243AA (SOT-89)
1.3W*
15
78*
TO-252 (D-PAK)
2.0W*
6.0
50*
* Mounted on FR4 board; 25mm x 25mm x 1.57mm.
Ordering Information
Order Number / Package
TO-92
TO-243AA*
TO-252
CL2N3
CL2N8
CL2K4
*Same as SOT-89 product supplied on 2000 piece tape reels.
NR062905
CL2
NC = No Connect
TO-243A A
(SO T-89)
TO-25 2
(D-PAK)
VA
NC
VB
VA
NC
VB
(TO-92 )
V
A NC VB
VB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com