Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV461FG Datasheet(PDF) 13 Page - Supertex, Inc

Part # HV461FG
Description  HV461FG Ring Generator Controller IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV461FG Datasheet(HTML) 13 Page - Supertex, Inc

Back Button HV461FG Datasheet HTML 6Page - Supertex, Inc HV461FG Datasheet HTML 7Page - Supertex, Inc HV461FG Datasheet HTML 8Page - Supertex, Inc HV461FG Datasheet HTML 9Page - Supertex, Inc HV461FG Datasheet HTML 10Page - Supertex, Inc HV461FG Datasheet HTML 11Page - Supertex, Inc HV461FG Datasheet HTML 12Page - Supertex, Inc HV461FG Datasheet HTML 13Page - Supertex, Inc HV461FG Datasheet HTML 14Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
HV461
13
37
CL-
Current limit amplifier inverting input.
38
CLCOMP
Current limit compensation. An RC network connected between this pin and CL- establishes current limit
reaction time and stability.
39
DIFFAMP+
Differential amplifier non-inverting input.
The differential amplifier sets gain, establishing output
40
DIFFAMP-
Differential amplifier inverting input.
amplitude and DC offset in conjunction with AMPx and OFFx.
41
DIFFAMPO
Differential amplifier output.
Gain = RFB2/RFB1 (RFB3=RFB1 and RFB4=RFB2, see schematic)
42
COMP2
Error amplifier compensation. An RC network connected between these pins establishes loop stability.
43
COMP1
COMP1 is the error amp inverting input. COMP2 is the error amp output.
44
SINEREF
Sine wave reference. Amplitude is 2VP-P nominal. Output impedance is approximately 16k
Ω. An external 33nF
capacitor from this pin to ground should be employed to remove high frequency synthesizer ripple. Synthesizer
ripple is at a frequency of 2
15 · fRING
45
AGND
Analog ground. Connect to AGND and DGND close to the IC.
46
VDCL
Voltage applied to this pin sets the min/max duty cycle limits. If the PWM controller hits these limits, clipping of
the ringer output will occur and the FAULT output will be activated. DMIN=0.4VDCL DMAX=1–0.4VDCL
47
DCREF1
In conjunction with the OFFx control inputs, voltages applied to these inputs set the output DC offset.
48
DCREF2
Output offset is the selected DCREFx voltage multiplied by gain. See also OFF0 & OFF1 (pins 17 & 18)
10/3/03
2003 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
1235 Bordeaux Drive, Sunnyvale, CA 94809
TEL: (408) 222-8888 / FAX: (408) 222-4895
www.supertex.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com