Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100C0613 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # 100C0613
Description  SP4T RELAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

100C0613 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  100C0613 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
100C0613
SP4T RELAY
FEATURES
DC - 450 MHz
20 Watts CW
Non-Reflective
SMA Connectors
SP4 T
D A ICO
I ndustries
Ω
2
Ω
3
Ω
5
Ω
4
1
+V
COM
J5
J1
50
J2
50
J4
50
J3
50
•
•
•
•
•
•
•
••
•
•
•
•
2.50
± .03
.280 MAX
SOLDER
TERMINAL
(5 PLACES)
SMA FEMALE
(5 PLACES)
J5
.62
(TYP)
.093 DIA Thru
4 Holes
J1
J2
J3
J4
.08
.08
1.50
± .03
2.336
1.336
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
DC
450
MHz
DC Voltage
See Table
Insertion Loss
0.25
0.35
dB
DC - 200 MHz
0.40
0.5
dB
200 - 450 MHz
Isolation
60
70
dB
DC - 250 MHz
50
60
dB
250 - 450 MHz
VSWR
Thru
1.05/1
1.1/1
DC - 200 MHz
1.15/1
1.25/1
200 - 450 MHz
Impedance
50
OHMS
Switching Speed
5
mSEC
RF Power
Operate
20
W
CW
Operating Temperature
-55
+25
+85
°CTA
GUARANTEED PERFORMANCE
CONTROL VOLTAGE TABLE
Voltage
Current - Typical
6
65 mA per throw
12
32 mA per throw
18
21 mA per throw
26
17 mA per throw
PART NO. EXAMPLE - SEE TABLE
100C0613 - 26
Basic
Part Number
Dash No. same
as coil voltage
.xx = .02
.xxx = .010
PART
IDENTIFICATION
.62
± .03
.22
TYP
1
23
4
5
TYPICAL PERFORMANCE
at 25
°C
1.5
1.0
.5
.01
1.2
1.3
1.4
1.5
1.6
.2
.6
.8
1.0
1.2
20
60
80
100
120
1.0
0
0
1.1
.4
40
FREQUENCY (GHz)
.1
.2
.3
.7
.03
.05 .07
.02
ISO
I. LOSS
VSWR


Similar Part No. - 100C0613

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C0611 DAICO-100C0611 Datasheet
39Kb / 1P
SP2T Relay
100C0611-12-J1-R DAICO-100C0611-12-J1-R Datasheet
39Kb / 1P
SP2T Relay
100C0611-12-J2-R DAICO-100C0611-12-J2-R Datasheet
39Kb / 1P
SP2T Relay
100C0611-18-J1-R DAICO-100C0611-18-J1-R Datasheet
39Kb / 1P
SP2T Relay
100C0611-18-J2-R DAICO-100C0611-18-J2-R Datasheet
39Kb / 1P
SP2T Relay
More results

Similar Description - 100C0613

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C0485 DAICO-100C0485 Datasheet
123Kb / 1P
SP4T Relay
logo
Pasternack Enterprises,...
PE7158 PASTERNACK-PE7158 Datasheet
299Kb / 1P
SMA SP4T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
PE71S6134 PASTERNACK-PE71S6134 Datasheet
458Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz
PE71S6135 PASTERNACK-PE71S6135 Datasheet
436Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz
PE71S6136 PASTERNACK-PE71S6136 Datasheet
443Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6137 PASTERNACK-PE71S6137 Datasheet
466Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6138 PASTERNACK-PE71S6138 Datasheet
446Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 12V Control with Latching
REV 1.0
PE71S6139 PASTERNACK-PE71S6139 Datasheet
446Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz
PE71S6140 PASTERNACK-PE71S6140 Datasheet
452Kb / 6P
SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6141 PASTERNACK-PE71S6141 Datasheet
446Kb / 6P
SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com