Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100C0612-26-J2-R-75 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # 100C0612-26-J2-R-75
Description  SP3T Relay
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

100C0612-26-J2-R-75 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  100C0612-26-J2-R-75 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D AICO Industr ies
MODEL NUMBER
100C0612
FEATURES
• DC- 450 MHz
• 50Ω or 75Ω Terminations
• 20 Watts CW
• Non-Reflective
• SMA Connectors
SP3T
136
SP3T Relay
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - 100C0612-26-J2-R-75

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C0611 DAICO-100C0611 Datasheet
39Kb / 1P
SP2T Relay
100C0611-12-J1-R DAICO-100C0611-12-J1-R Datasheet
39Kb / 1P
SP2T Relay
100C0611-12-J2-R DAICO-100C0611-12-J2-R Datasheet
39Kb / 1P
SP2T Relay
100C0611-18-J1-R DAICO-100C0611-18-J1-R Datasheet
39Kb / 1P
SP2T Relay
100C0611-18-J2-R DAICO-100C0611-18-J2-R Datasheet
39Kb / 1P
SP2T Relay
More results

Similar Description - 100C0612-26-J2-R-75

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C0285 DAICO-100C0285 Datasheet
27Kb / 1P
SP3T Relay
CSW36333 DAICO-CSW36333 Datasheet
185Kb / 1P
GaAs SP3T
DS0997 DAICO-DS0997 Datasheet
172Kb / 1P
GaAs SP3T
DSW32025 DAICO-DSW32025 Datasheet
156Kb / 1P
GaAs SP3T
DSW38030 DAICO-DSW38030 Datasheet
38Kb / 1P
GaAs SP3T
logo
Spectrum Microwave, Inc...
310-021008-001 SPECTRUM-310-021008-001 Datasheet
92Kb / 1P
SP3T SWITCH
logo
American Accurate Compo...
JXWBKG-T-3-10-500-A AAC-JXWBKG-T-3-10-500-A Datasheet
97Kb / 1P
SP3T Switch
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
SP3T SWITCH
logo
RF Micro Devices
RF5570 RFMD-RF5570 Datasheet
939Kb / 9P
SP3T Switch
RFSW8005 RFMD-RFSW8005 Datasheet
424Kb / 6P
SP3T Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com