Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA7D49 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA7D49
Description  Silicon epitaxial planar type (cathode common)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA7D49 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA7D49 Datasheet HTML 1Page - Panasonic Semiconductor MA7D49 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Schottky Barrier Diodes (SBD)
2
MA3D749, MA3D749A
IF  VF
IR  VR
VF  Ta
IR  Ta
Ct  VR
PD(AV)  IF(AV)
IF(AV)  TC
10−4
0
0.2
0.4
0.6
0.8
1.0
1.2
10−3
10−2
10−1
1
10
Forward voltage V
F
(V)
Ta
= 125°C
75
°C 25°C
−20°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
−40
0
40
80
120
160
200
Ambient temperature T
a
(
°C)
IF
= 5 A
1 A
2.5 A
1
0
1020304050
60
10
102
103
104
105
Reverse voltage V
R
(V)
Ta
= 125°C
75
°C
25
°C
1
−40
0
40
80
120
160
200
10
102
103
104
105
Ambient temperature T
a
(
°C)
VR
= 45 V
20 V
10 V
0
100
200
300
400
500
600
700
800
0
1020304050
60
Reverse voltage V
R
(V)
f
= 1 MHz
Ta
= 25°C
0
1
2
3
4
5
6
7
8
012345
6
Average forward current I
F(AV)
(A)
t0 / t1
= 1/6
1/3
1/2
t1
t0
DC
0
1
2
3
4
5
6
7
8
20
40
60
80
100
120
140
Case temperature T
C
(
°C)
t0 / t1
= 1/2
1/3
t1
t0
1/6
DC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com