Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2711ASAL Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD2711ASAL
Description  DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2711ASAL Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD2711ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD2711ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD2711ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD2711ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD2711ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD2711ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD2711ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD2711ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD2711ASAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALD2711A/ALD2711B/ALD2711
Advanced Linear Devices
3 of 9
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
Power Supply
PSRR
100
100
100
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode
CMRR
100
100
100
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
300
300
300
V/mV
RL = 100KΩ
Voltage Gain
Output Voltage
VO low
-4.98
-4.90
-4.98
-4.90
-4.98
-4.90
V
RL = 100KΩ
Range
VO high
4.90
4.98
4.90
4.98
4.90 4.98
V
Bandwidth
BW
1.0
1.0
1.0
MHz
Slew Rate
SR
1.0
1.0
1.0
V/µsAV = +1
CL = 50pF
TA = 25°C VS = ±5.0V unless otherwise specified
2711A
2711B
2711
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Input
Capacitance
CIN
11
1
pF
Bandwidth
BW
700
700
700
KHz
Slew Rate
SR
0.7
0.7
0.7
V/µsAV = +1
RL = 100KΩ
Rise time
tr
0.2
0.2
0.2
µsRL = 100KΩ
Overshoot
20
20
20
%
RL = 100KΩ
Factor
CL = 50pF
Settling
ts
10.0
10.0
10.0
µs
0.1% AV = 100
Time
RL = 100KΩ
CL = 50pF
Channel
CS
140
140
140
dB
AV = 100
Separation
TA = 25°C VS = ±2.5V unless otherwise specified
2711A
2711B
2711
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
VS = ±2.5V -55°C ≤ TA ≤ +125°C unless otherwise specified
2711ADA
2711BDA
2711DA
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Input Offset
VOS
2.2
2.7
3.2
mV
RS ≤ 100KΩ
Voltage
Input Offset
IOS
44
4
nA
Current
Input Bias
IB
44
4
nA
Current
Power Supply
PSRR
60
85
60
85
60
85
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode
CMRR
60
83
60
83
60
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
10
50
10
50
10
50
V/mV
RL ≤ 100KΩ
Voltage Gain
Output Voltage
VO low
-2.47
-2.40
-2.47
-2.40
-2.47
-2.40
V
Range
VO high
2.35
2.45
2.35
2.45
2.35
2.45
V
RL ≤ 100KΩ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com