Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD4704ASBL Datasheet(PDF) 8 Page - Advanced Linear Devices

Part # ALD4704ASBL
Description  QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4704ASBL Datasheet(HTML) 8 Page - Advanced Linear Devices

  ALD4704ASBL Datasheet HTML 1Page - Advanced Linear Devices ALD4704ASBL Datasheet HTML 2Page - Advanced Linear Devices ALD4704ASBL Datasheet HTML 3Page - Advanced Linear Devices ALD4704ASBL Datasheet HTML 4Page - Advanced Linear Devices ALD4704ASBL Datasheet HTML 5Page - Advanced Linear Devices ALD4704ASBL Datasheet HTML 6Page - Advanced Linear Devices ALD4704ASBL Datasheet HTML 7Page - Advanced Linear Devices ALD4704ASBL Datasheet HTML 8Page - Advanced Linear Devices ALD4704ASBL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ALD4704A/ALD4704B
Advanced Linear Devices
8 of 9
ALD4704
14 Pin Plastic DIP Package
PDIP-14 PACKAGE DRAWING
b1
D
S
b
e
A2
A1
A
L
E
E1
c
e1
ø
Millimeters
Inches
Min
Max
Min
Max
Dim
A
A1
A2
b
b1
c
D-14
E
E1
e
e1
L
S-14
ø
3.81
0.38
1.27
0.89
0.38
0.20
17.27
5.59
7.62
2.29
7.37
2.79
1.02
0°
5.08
1.27
2.03
1.65
0.51
0.30
19.30
7.11
8.26
2.79
7.87
3.81
2.03
15°
0.105
0.015
0.050
0.035
0.015
0.008
0.680
0.220
0.300
0.090
0.290
0.110
0.040
0°
0.200
0.050
0.080
0.065
0.020
0.012
0.760
0.280
0.325
0.110
0.310
0.150
0.080
15°



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com