Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8781 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8781
Description  24-Bit, 192kHz Stereo ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8781 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8781 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8781 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8781 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8781 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8781 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8781 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8781 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8781 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8781 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Production Data
WM8781
w
PD, April 2006, Rev 4.1
11
DIGITAL AUDIO INTERFACE
The digital audio interface uses three pins:
•
DOUT: ADC data output
•
LRCLK: ADC data alignment clock
•
BCLK: Bit clock, for synchronisation
The digital audio interface takes the data from the internal ADC digital filters and places it on DOUT
and LRCLK. DOUT is the formatted digital audio data stream output from the ADC digital filters with
left and right channels multiplexed together. LRCLK is an alignment clock that controls whether Left
or Right channel data is present on the DOUT line. DOUT and LRCLK are synchronous with the
BCLK signal with each data bit transition signified by a BCLK high to low transition. DOUT is always
an output. BCLK and LRCLK maybe an inputs or outputs depending whether the device is in Master
or Slave mode. (see Master and Slave Mode Operation, below).
Three different audio data formats are supported:
•
Left justified
•
Right justified
•
I
2S
MASTER AND SLAVE MODE OPERATION
The WM8781 can be configured as either a master or slave mode device. As a master device the
WM8781 generates BCLK and LRCLK and thus controls sequencing of the data transfer on DOUT.
In slave mode, the WM8781 responds with data to clocks it receives over the digital audio interface.
The mode can be selected by setting the MS input pin (see Table 4 Master/Slave selection below).
Master and slave modes are illustrated below.
Figure 5 Master Mode
Figure 6 Slave Mode
PIN
DESCRIPTION
M/S
Master/Slave Selection
0 = Slave Mode
1= Master Mode
Table 4 Master/Slave selection
AUDIO INTERFACE CONTROL
The Input Word Length and Audio Format mode can be selected by using IWL and FORMAT pins.
PIN
DESCRIPTION
IWL
Word Length
0 = 16 bit
1 = 20 bit
Z = 24 bit
FORMAT
Audio Mode Select
0 = RJ
1 = LJ
Z = I2S
Table 5 Audio Data Format Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com