Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1202530153 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1202530153
Description  Contrinex Inductive Sensor, M18 Housing, 0 - 10mm Operating Distance, Quasiembeddable, Analog, 0 - 10V Output, 4-pin M12 Connector, 63.5mm Housing Length
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1202530153 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1202530153_V01 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/24/2022
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1202530153
Status:
Active
Overview:
Contrinex Inductive and Photoelectric Sensors
Description:
Contrinex Inductive Sensor, M18 Housing, 0 - 10mm Operating Distance, Quasi-
embeddable, Analog, 0 - 10V Output, 4-pin M12 Connector, 63.5mm Housing Length
Documents:
Product Specification 1202530153-000 (PDF)
RoHS Certificate of Compliance (PDF)
Datasheet (PDF)
General
Product Family
Sensors
Series
120253
IP Rating
IP67
Overview
Contrinex Inductive and Photoelectric Sensors
Product Category
Inductive Sensors
Product Name
Contrinex
Type
Inductive
UPC
191130063239
Physical
Connection
Connector (M12, 4-pin)
Length
63.5mm
Material - Housing
Chrome Plated Brass
Material - Sensing Face
PBTP
Mounting Style
Quasi-embeddable
Operating Distance
0 - 10mm
Output
0-10V
Sensor Housing Size
M18
Temperature Range - Operating
-25° to +70°C
Electrical
Polarity
Analog
Material Info
Engineering Number
DW-AS-509-M18-390
Reference - Drawing Numbers
Product Specification
1202530153-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
For more information, please visit Contact US
China ROHS
50 Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
120253 Series
This document was generated on 02/24/2022
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1202530153_V01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1202530153 MOLEX-1202530153 Datasheet
36Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 0 - 10mm Operating Distance, Quasiembeddable
More results

Similar Description - 1202530153_V01

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1202530150 MOLEX-1202530150 Datasheet
35Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 0 - 10mm Operating Distance, Quasiembeddable
1202530151 MOLEX-1202530151 Datasheet
35Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 0 - 10mm Operating Distance, Quasiembeddable
1202530153 MOLEX-1202530153 Datasheet
36Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 0 - 10mm Operating Distance, Quasiembeddable
1202530170 MOLEX-1202530170 Datasheet
39Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 0 - 10mm Operating Distance, Quasiembeddable
1202530171 MOLEX-1202530171 Datasheet
39Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 0 - 10mm Operating Distance, Quasiembeddable
1202530173 MOLEX-1202530173 Datasheet
39Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 0 - 10mm Operating Distance, Quasiembeddable
1202530152 MOLEX-1202530152_V01 Datasheet
36Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 0 - 10mm Operating Distance, Quasiembeddable, Analog, 0 - 5V Output, 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
1202530157 MOLEX-1202530157_V01 Datasheet
36Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 0 - 20mm Operating Distance, Nonembeddable, Analog, 0 - 10V Output, 4-pin M12 Connector, 63.5mm Housing Length
02/24/2022
1202530172 MOLEX-1202530172_V01 Datasheet
38Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 0 - 10mm Operating Distance, Quasiembeddable, Analog, 0 - 5V Output, 4-pin M12 Connector, 48.5mm Housing Length
02/24/2022
1202530173 MOLEX-1202530173_V01 Datasheet
22Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 0 - 10mm Operating Distance, Quasiembeddable, Analog, 0 - 10V Output, 4-pin M12 Connector, 48.5mm Housing Length
02/24/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com