Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAMH9115 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CAMH9115
Description  S-Band High Power Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CAMH9115 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CAMH9115 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AMP
D AICO Industr ies
21
310.507.3242 • FAX 310.507.5701 • www.daico.com
MODEL NUMBER
CAMH9115
FEATURES
• 2.7-2.9 GHz
• 60.5 dBm Output Power
• Medium Pulse Operation up to 200 µSec
• 12% Duty Cycle
S-Band High Power Amplifier


Similar Part No. - CAMH9115

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAMH9120 DAICO-CAMH9120 Datasheet
155Kb / 1P
UHF High Power Amplifier
CAMH9126 DAICO-CAMH9126 Datasheet
69Kb / 1P
L-Band Power Amplifier
More results

Similar Description - CAMH9115

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4502-SCC TRIQUINT-TGA4502-SCC Datasheet
153Kb / 11P
K Band High Power Amplifier
logo
United Monolithic Semic...
CHA7114 UMS-CHA7114_10 Datasheet
183Kb / 8P
X Band High Power Amplifier
CHA7115-99F UMS-CHA7115-99F Datasheet
141Kb / 6P
X-band High Power Amplifier
logo
TriQuint Semiconductor
TGA2817-SM TRIQUINT-TGA2817-SM_15 Datasheet
595Kb / 13P
S-Band 60 W GaN Power Amplifier
TGA2818 TRIQUINT-TGA2818_15 Datasheet
645Kb / 15P
S-Band 30 W GaN Power Amplifier
TGA2818-SM TRIQUINT-TGA2818-SM_15 Datasheet
636Kb / 14P
S-Band 30 W GaN Power Amplifier
logo
United Monolithic Semic...
CHA7115-99F UMS-CHA7115-99F_15 Datasheet
152Kb / 6P
X-band High Power Amplifier
CHA7215 UMS-CHA7215_15 Datasheet
209Kb / 8P
X-band High Power Amplifier
logo
Qorvo, Inc
QPA3055P QORVO-QPA3055P Datasheet
821Kb / 26P
100 W S-Band GaN Power Amplifier
TGA2817-SM QORVO-TGA2817-SM Datasheet
527Kb / 13P
S-Band 60 W GaN Power Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com