Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP0815 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CDP0815
Description  PHASE SHIFTER, 4 SECTION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CDP0815 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CDP0815 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. - / Iss. 1
MODEL NO.
CDP0815
PHASE SHIFTER, 4 SECTION
FEATURES
HDI
DA ICO
I ndustries
1300 - 1900 MHz
22.5
° LSB, 337.5° Range
Integrated Coupler for REF Channel
+45 dBm 3rd Order Intercept
ECL Driver
Replaceable SMA Connector
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
1300
1900
MHz
DC Current
80
115
mA
At +5 VDC Supply
20
30
mA
At -5.2 VCD Supply
Control Type
ECL
4 Line Differential
See Logic Table
Control Current
High
7.65
8.5
9.35
mA
C1 = -0.8 V, C2 = -1.65 V
Low
-7.65
-8.5
-9.35
mA
C1 = -1.65 V, C2 = -0.8 V
Insertion Loss J1 - J2 or J1 - J3
5.5
6.5
dB
Balance Between
0.2
0.5
dB
At 25
°C
J1 and J3
0.7
1.0
dB
At Temperature Extremes
Isolation
20
25
dB
Between Ports J2 - J3 or J3 - J2
Phase Shift
LSB
22.5
DEG
Range
0
337.5
DEG
J2 with respect to J3 Minus
PS0 at F0 22.5, 45, 90, 180
DEG at F0
Accuracy
±5 DEG
For 180 Phase Change
±10 DEG
Any Phase State
VSWR
Input
1.2/1
1.6/1
Output
1.2/1
1.6/1
Impedance
50
OHMS
Switching Speed
210
350
nSEC
50% ECL to 90% / 10% RF
Transition (Rise/Fall) Time
20
nSEC
90% / 10% or 10% / 90% RF
Switching (Video) Transients
140
mV
Peak Value
Intercept Points
3rd
+45
dBm
RF Power
Operate
+20
+18
dBm
0.1 dB Compression
+25
+23
dBm
1.0 dB Compression
No Damage
+27
dBm
Operating Temperature
-55
+25
+71
°CTA
GUARANTEED PERFORMANCE
LOGIC 1
C1 = -0.6V to -1.0V
C2 = -1.4V to -1.9V
LOGIC 0
C1 = -1.4V to -1.9V
C2 = -0.6V to -1.0V
Control Logic
Phase
Normal Phase
C0
C1
C2
C3
State
Shift (DEG)
00
0
0
PS0
0
00
0
1
PS1
22.5
00
1
0
PS2
45
00
1
1
PS3
67.5
01
0
0
PS4
90
01
01
PS5
112.5
01
1
0
PS6
135
01
11
PS7
157.5
10
0
0
PS8
180
10
01
PS9
202.5
10
10
PS10
225
10
11
PS11
247.5
11
00
PS12
270
11
01
PS13
292.5
11
10
PS14
315
11
11
PS15
337.5
LOGIC TABLE
J1
J2
J3
BIT
0
BIT
3
BIT
1
BIT
2
1.400
PART IDENTIFICATION
SMA FEMALE
3 PLACES
2.20
SOLDER TERM.
(.020 DIA. TYP)
.43
MAX
.110 SPACER PLATE
TYPICAL PERFORMANCE
at 25
°C
1.0
1.0
0
2.0
1.8
1.6
1.4
1.2
10
8
6
4
2
FREQUENCY (GHz)
1.5
2.0
VSWR
I. LOSS
PHASE SHIFTER
4 SECTION
COUPLER
C1 C2
C1 C2
C1 C2
C1 C2
BIT
0
BIT
3
BIT
1
BIT
2
180
°
22.5
°
90
°
45
°
-5.2V
+5V
GND
J1
(INPUT)
J3
(OUTPUT)
J2
(OUTPUT)
INPUT TERM.
NETWORK,
TYPICAL
4 PLACES


Similar Part No. - CDP0815

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CDP055PNP CDIL-CDP055PNP Datasheet
81Kb / 3P
SILICON PLANAR POWER TRANSISTORS
logo
DAICO Industries, Inc.
CDP0926 DAICO-CDP0926 Datasheet
32Kb / 1P
PHASE SHIFTER, 4 SECTION
More results

Similar Description - CDP0815

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDP0926 DAICO-CDP0926 Datasheet
32Kb / 1P
PHASE SHIFTER, 4 SECTION
CPS0827 DAICO-CPS0827 Datasheet
176Kb / 1P
Phase Shifter 4 Section
CPS42126 DAICO-CPS42126 Datasheet
184Kb / 1P
Phase Shifter 4 Section
CPS42127 DAICO-CPS42127 Datasheet
176Kb / 1P
Phase Shifter 4 Section
CPS49092 DAICO-CPS49092 Datasheet
194Kb / 1P
Phase Shifter 4 Section
CPS49093 DAICO-CPS49093 Datasheet
213Kb / 1P
Phase Shifter, 4 Section
DPS42028 DAICO-DPS42028 Datasheet
169Kb / 1P
Phase Shifter 4 Section
DPS42029 DAICO-DPS42029 Datasheet
175Kb / 1P
Phase Shifter 4 Section
DPS45081 DAICO-DPS45081 Datasheet
160Kb / 1P
Phase Shifter 4 Section
DPS45085 DAICO-DPS45085 Datasheet
45Kb / 1P
Phase Shifter 4 Section
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com