Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA2117DUGS/DA Datasheet(PDF) 66 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 62Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 63Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 64Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 65Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 66Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 67Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 68Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 69Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
66 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
A LOW-to-HIGH change of the data line while the clock is HIGH is defined as the STOP
condition (P).
The START and STOP conditions are shown in Figure 47.
9.2.3 System configuration
A device generating a message is a transmitter; a device receiving a message is the
receiver. The device that controls the message is the master; and the devices which are
controlled by the master are the slaves. The system configuration is shown in Figure 48.
9.2.4 Acknowledge
The number of data bytes transferred between the START and STOP conditions from
transmitter to receiver is unlimited. Each byte of 8 bits is followed by an acknowledge
cycle.
• A slave receiver which is addressed must generate an acknowledge after the
reception of each byte.
• Also a master receiver must generate an acknowledge after the reception of each
byte that has been clocked out of the slave transmitter.
• The device that acknowledges must pull-down the SDA line during the acknowledge
clock pulse, so that the SDA line is stable LOW during the HIGH period of the
acknowledge related clock pulse (set-up and hold times must be considered).
• A master receiver must signal an end of data to the transmitter by not generating an
acknowledge on the last byte that has been clocked out of the slave. In this event, the
transmitter must leave the data line HIGH to enable the master to generate a STOP
condition.
Acknowledgement on the I2C-bus is shown in Figure 49.
Fig 47. Definition of START and STOP conditions
Fig 48. System configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com