Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8530DUG/DAZ Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCA8530DUG/DAZ
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG/DAZ Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCA8530DUG/DAZ Datasheet HTML 25Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 26Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 27Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 28Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 29Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 30Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 31Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 32Page - NXP Semiconductors PCA8530DUG/DAZ Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
29 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.8.3 Recommended power-down sequences
General remarks:
1. It is necessary to run the power-down sequence before removing the supplies.
Depending on the application, care must be taken that no other signals are present at
the chip input or output pins when removing the supplies (refer to Section 10 on
page 63). Otherwise this may cause unwanted display artifacts. Uncontrolled removal
of supply voltages does not damage the PCA8530.
2. Static voltages across the liquid crystal display can build up when the external LCD
supply voltage (VLCD) is on while the IC supply voltage (VDD1 to VDD3) is off, or the
other way round. This may cause unwanted display artifacts. To avoid such artifacts,
external VLCD, VDD1 to VDD3 must be applied or removed together.
3. A clock signal must always be supplied to the device when the device is active.
Removing the clock may freeze the LCD in a DC state, which is not suitable for the
liquid crystal. It is recommended to disable the display first and to remove the clock
signal afterwards.
With the following sequences, the PCA8530 can be set to a state of minimum power
consumption, called power-down mode.
(1) If previously enabled.
Remark: When bits DE (Table 22 on page 21), CPE (Table 14 on page 15) and TME (Table 17 on
page 17) are logic 0, the internal clock signal is switched off.
Fig 7.
Recommended power-down sequence for minimum power-down current when
using the internal charge pump and the internal clock signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com