Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM06149 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CLM06149
Description  Limiter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CLM06149 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CLM06149 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. - / Iss. 1
MODEL NO.
CLM06149
Limiter
FEATURES
.10 - 30 MHz
+37 dBm Maximum Input Power
+20 dBm 1 dB Compression
0.2 dB Insertion Loss
+25 dBm Leakage
Low Current Consumption
Replaceable SMA Connectors
HDI
DA ICO
I ndustries
VREF
+5V
-5V
GND
GND
RF
IN/OUT
RF
OUT/IN
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
.10
32
MHz
DC Current
410mA
At +5 VDC Supply
310mA
At -5 VDC Supply
Insertion Loss
0.2
0.35
dBm
At +5 dBm
Leakage
+25
+27
dBm
At Max Power
Spike Duration
50
µSec
Recovery
500
µSec
VSWR
1.1/1
1.4/1
At +5 dBm
Impedance
50
OHMS
Intercept Points
2nd
+86
dBm
3rd
+49
dBm
RF Power
Operate
+15
+20
dBm
1 dB Compression
No Damage
+37
dBm
Operating Temperature
-55
0
+85
°CTA
GUARANTEED PERFORMANCE
.xx = .02
.xxx = .010
.25 TYP
.800
1.300
J1
J2
.10
PART IDENTIFICATION
.15
±.05
.10
.25
.025
±.002 DIA
4 PLACES
.106 DIA THRU
4 PLACES
1.00
±.03
1.50
±.03
.20
.34
.06
CONNECTOR
SMA FEMALE
2 PLACES
1.00
±.03


Similar Part No. - CLM06149

ManufacturerPart #DatasheetDescription
logo
Eldeco Srl
CLM ELDECO-CLM Datasheet
453Kb / 1P
Standard : UL - IEC 300V - 250V 10A - 212A
logo
Luminus, Inc
CLM-14 LUMINUS-CLM-14 Datasheet
1Mb / 13P
COB Arrays White LED
CLM-14-18-70-36-AC38-F4-3 LUMINUS-CLM-14-18-70-36-AC38-F4-3 Datasheet
2Mb / 21P
Custom Color COB Arrays LED Specialty Lighting
CLM-14-18-70-36-AC48-F5-3 LUMINUS-CLM-14-18-70-36-AC48-F5-3 Datasheet
1Mb / 23P
Custom Color COB Arrays LED Specialty Lighting
CLM-14-22-90-36-TC60-F7-2 LUMINUS-CLM-14-22-90-36-TC60-F7-2 Datasheet
1Mb / 12P
Generation 6 CLM-14 COB Arrays White LED
2023
More results

Similar Description - CLM06149

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CLM-83-2W MINI-CLM-83-2W Datasheet
207Kb / 4P
Limiter
RLM-23-1WL MINI-RLM-23-1WL Datasheet
345Kb / 2P
Limiter
RLM-33 MINI-RLM-33 Datasheet
357Kb / 3P
Limiter
RLM-33-2W MINI-RLM-33-2W Datasheet
331Kb / 2P
Limiter
RLM-33H MINI-RLM-33H Datasheet
346Kb / 3P
Limiter
RLM-512-4WL MINI-RLM-512-4WL Datasheet
348Kb / 3P
Limiter
RLM-521-2WL MINI-RLM-521-2WL Datasheet
335Kb / 2P
Limiter
ZFLM-252-1WL MINI-ZFLM-252-1WL Datasheet
210Kb / 1P
Limiter
VLM-33 MINI-VLM-33 Datasheet
229Kb / 1P
Limiter
VLM-83-2W-S MINI-VLM-83-2W-S Datasheet
382Kb / 2P
Limiter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com