Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSW36333 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CSW36333
Description  GaAs SP3T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CSW36333 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CSW36333 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
CSW36333
FEATURES
• 2-2500 MHz
• 70 dB Isolation
• ±0.1 dB Amplitude Tracking
Port-to-Port
• ±0.5 Degrees Phase Tracking
Port-to-Port
• All-Off-State
SP3T
GaAs SP3T
D AICO Industr ies
137
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - CSW36333

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CSW SENSATA-CSW Datasheet
207Kb / 3P
COMPACT SINE WAVE ON THE GO
Rev: 07/20/19
logo
Crydom Inc.,
CSW CRYDOM-CSW Datasheet
659Kb / 7P
Panel Mount
logo
Sensata Technologies, I...
CSW-24 SENSATA-CSW-24 Datasheet
159Kb / 3P
24V SINE WAVE ON THE GO
Rev: 07/20/19
logo
Mimix Broadband
CSW0118-BD MIMIX-CSW0118-BD Datasheet
397Kb / 3P
0.5 to 18 GHz GaAs pHEMT MMIC SPDT Switch
CSW0118-BD MIMIX-CSW0118-BD Datasheet
294Kb / 4P
0.5-18 GHz GaAs pHEMT MMIC SPDT Switch
More results

Similar Description - CSW36333

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0997 DAICO-DS0997 Datasheet
172Kb / 1P
GaAs SP3T
DSW32025 DAICO-DSW32025 Datasheet
156Kb / 1P
GaAs SP3T
DSW32096 DAICO-DSW32096 Datasheet
172Kb / 1P
GaAs SP3T
DSW36177 DAICO-DSW36177 Datasheet
178Kb / 1P
GaAs SP3T
DSW36200 DAICO-DSW36200 Datasheet
168Kb / 1P
GaAs SP3T
DSW38030 DAICO-DSW38030 Datasheet
38Kb / 1P
GaAs SP3T
logo
M/A-COM Technology Solu...
MASW-011043 MA-COM-MASW-011043 Datasheet
1Mb / 7P
GaAs SP3T / SPDT
MASW-008955 MA-COM-MASW-008955 Datasheet
135Kb / 4P
GaAs SP3T Switch
MASW-010612 MA-COM-MASW-010612 Datasheet
130Kb / 4P
GaAs SP3T Switch
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
GaAs SP3T Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com