Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAD05079 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DAD05079
Description  Analog Detector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DAD05079 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DAD05079 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
DAD05079
FEATURES
• 20-2000 MHz
• 25 dB Dynamic Range
• Low Output Resistance
• Low DC Power Consumption
• Pin for Pin Replacement to
HP/Avantek PPD-2001 with
Improved Performance
Analog Detector
TD
D AICO Industr ies
279
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DAD05079

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAD02006 DAICO-DAD02006 Datasheet
117Kb / 1P
Analog Level Detector
logo
Dorji Industrial Group ...
DAD06 DORJI-DAD06 Datasheet
533Kb / 9P
SX1262 testing board for Arduino UNO and ST Nucleo--L053R8
logo
DAICO Industries, Inc.
DAD08059 DAICO-DAD08059 Datasheet
22Kb / 1P
L-Band / UHF Hybrid
More results

Similar Description - DAD05079

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAD02006 DAICO-DAD02006 Datasheet
117Kb / 1P
Analog Level Detector
logo
Texas Instruments
TL489C TI-TL489C Datasheet
205Kb / 4P
5-STEP ANALOG LEVEL DETECTOR
logo
Spectrum Microwave, Inc...
LNJ9901 SPECTRUM-LNJ9901 Datasheet
174Kb / 1P
Analog Level Detector
TMJ9910 SPECTRUM-TMJ9910 Datasheet
232Kb / 1P
Analog Level Detector
logo
API Technologies Corp
TMJ9911 APITECH-TMJ9911 Datasheet
41Kb / 1P
ANALOG LEVEL DETECTOR
TMJ9910 APITECH-TMJ9910 Datasheet
51Kb / 1P
ANALOG LEVEL DETECTOR
LNJ9901 APITECH-LNJ9901 Datasheet
40Kb / 1P
ANALOG LEVEL DETECTOR
logo
Teledyne Technologies I...
DAQ6103 TELEDYNE-DAQ6103 Datasheet
264Kb / 2P
0.1 TO 6.0 GHz ANALOG DETECTOR
PSD200125 TELEDYNE-PSD200125 Datasheet
116Kb / 4P
Surface Mount Analog Level Detector
PSD400125 TELEDYNE-PSD400125 Datasheet
89Kb / 4P
Surface Mount Analog Level Detector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com