Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40P2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS40P2
Description  Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS40P2 Datasheet(HTML) 2 Page - ON Semiconductor

  BAS40P2 Datasheet HTML 1Page - ON Semiconductor BAS40P2 Datasheet HTML 2Page - ON Semiconductor BAS40P2 Datasheet HTML 3Page - ON Semiconductor BAS40P2 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© Semiconductor Components Industries, LLC, 2007
January, 2021 − Rev. 2
1
Publication Order Number:
BAS40P2/D
Schottky Barrier Diodes
BAS40P2
These Schottky barrier diodes are designed for high speed switching
applications, circuit protection, and voltage clamping. Extremely low
forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where
space is limited.
Features
• S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
40
V
Forward Power Dissipation
@ TA = 25°C
Derate above 25°C
PF
225
1.8
mW
mW/°C
Operating Junction and Storage
Temperature Range
TJ, Tstg −55 to +150
°C
Forward Continuous Current
IF
120
mA
Forward Surge Current
t v 1 s
t v 10 ms
IFSM
200
600
mA
Thermal Resistance (Note 1)
Junction−to−Ambient (Note 2)
RqJA
508
311
°C/W
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR−4 @ minimum pad.
2. FR−4 @ 1.0 x 1.0 in pad.
www.onsemi.com
Device
Package
Shipping†
ORDERING INFORMATION
BAS40P2T5G
SOD−923
(Pb−Free)
8000/Tape & Reel
SOD−923
CASE 514AB
1
2
1
CATHODE
2
ANODE
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
AD = Specific Device Code
M = Date Code
MARKING
DIAGRAM
ADM
12
40 VOLTS
SCHOTTKY BARRIER DIODES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com