| Electronic Components Datasheet Search |
|
ATLS1A103DEV1.0 Datasheet(PDF) 2 Page - Analog Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
ATLS1A103DEV1.0 Datasheet(HTML) 2 Page - Analog Technologies, Inc. |
|
2 / 7 page ![]() 1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187 www.analogtechnologies.com Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/25/2022 Email: staff@analogti.com/sales@analogti.com 2 Analog Technologies Evaluation Board for ATLS1A103D ATLS1A103DEV1.0 On the bottom center of the board, there is a switch bank. The 2 potentiometers are located on the left side the switch bank. When the controller works perfectly, the LED on the bottom right location will be lit up. Figure 3. Top Silkscreen Figure 4. Top Layers without Top Screen Layer Figure 4 shows the top layers without the silkscreen layer. Figure 5 below shows the bottom layers, including bottom copper, bottom solder mask, and multilayer (vias). Please notice that this is a “see through” image from the top side. Figures 4 and 5 can be used as a layout reference for designing a system using the ATLS1A103D in the system. These are the main points: 1. Connect the power supply return node directly to the PGND pin of the controller before connecting it to any other points. For thermal management purpose, the returned node was not done in this way on the evaluation board. 2. Use as large copper area as possible for the PCB traces of the solder pads of all the pins so that these copper areas become heat-sinks and help dissipating the heat generated by the controller. Figure 5. Bottom Layers Figure 6. Mirrored Bottom Layers Figure 6 shows the mirrored bottom layers which is a directly- seen image from the bottom side. The ATLS1A103D laser controller module is located in the center of the ATLS1A103DEV1.0 Evaluation Board. The voltages of all its pins can be measured directly by probing the vias on the left and right side of the module sockets which are connected directly with pins of the electronic module. Some of the pins are also connected to the connectors of the 3 terminal blocks, and/or the soldering pads on the edges of the board. The names of all these nodes are marked on the board. Please notice that when the board is working, the 5 diodes on the top center may get hot, therefore, avoid touching them with your fingers. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |