Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8115397 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8115397
Description  Position transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8115397 Datasheet(HTML) 2 Page - Festo Corporation.

  8115397 Datasheet HTML 1Page - Festo Corporation. 8115397 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
IO-Link®, function classes
Binary data channel (BDC)
Process data variable (PDV)
Identification
Diagnostics
Teach channel
IO-Link®, communication mode
COM3 (230.4 kBd)
IO-Link®, SIO mode support
Yes
IO-Link®, port class
A
IO-Link®, process data width IN
2 Byte
IO-Link®, process data content IN
12 bit PDV (position measurement)
4 bit BDC (position monitoring)
IO-Link®, minimum cycle time
1 ms
DC operating voltage range
15 V ... 30 V
Residual ripple
10 %
Reverse polarity protection
for all electrical connections
Electrical connection 1, connection type
Cable with plug
Electrical connection 1, connection technology
M8x1 A-coded as per EN 61076-2-104
Electrical connection 1, number of pins/wires
4
Electrical connection 1, type of mounting
Screw-type lock
Electrical connection for input 1, connection pattern
00991171
Connection outlet orientation
Longitudinal
Material of pin contacts
Copper alloy
Gold-plated
Connector cable test conditions
Flexural strength: as per Festo standard
Cable chain: 5 million cycles, bending radius 28 mm
Torsional resistance: > 300 000 cycles, ±270°/0.1 m
Cable length
0.3 m
Cable characteristic
Suitability for energy chains/robot applications
Color cable sheath
Gray
Material of cable sheath
TPE-U(PUR)
Type of mounting
Screwed tightly
Can be inserted in slot from above
Mounting position
Any
Product weight
30 g
Housing material
Brass, nickel-plated
PA-reinforced
Polyester
High-alloy stainless steel
Material of union nut
Brass, nickel-plated
Film material
Polyester
Ready status indication
LED green
Switching status indication
LED yellow
Status indicator
LED red
Setting options
IO-Link®
Pushbutton
Ambient temperature with flexible cable installation
-20 °C ... 70 °C
Degree of protection
IP65
IP68
LABS (PWIS) conformity
VDMA24364-B2-L
7/11/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com