Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FESE16AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FESE16AT
Description  Ultrafast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FESE16AT Datasheet(HTML) 3 Page - Vishay Siliconix

  FESE16AT Datasheet HTML 1Page - Vishay Siliconix FESE16AT Datasheet HTML 2Page - Vishay Siliconix FESE16AT Datasheet HTML 3Page - Vishay Siliconix FESE16AT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FESE16AT thru FESE16GT
www.vishay.com
Vishay General Semiconductor
Revision: 01-Feb-13
3
Document Number: 89983
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1
10
100
Instantaneous Forward Voltage (V)
50 V to 200 V
300 V to 400 V
T
J = 125 °C
T
J = 25 °C
0
20
40
60
80
100
0.1
1
10
100
1000
Percent of Rated Peak Reverse Voltage (%)
50 V to 200 V
300 V to 400 V
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
0.1
1
10
100
10
100
1000
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
50 V to 400 V
0.415 (10.54)
Max.
0.113 (2.87)
0.103 (2.62)
0.159 (4.04)
0.143 (3.64)
0.060 (1.50)
0.047 (1.20)
0.260 (6.6)
0.236 (6.0)
0.185 (4.70)
0.175 (4.44)
0.040 (0.84)
0.024 (0.62)
0.20 (5.08)
Pin 1
Pin 2
0.055 (1.39)
0.045 (1.14)
0.603 (15.32)
0.573 (14.55)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.160 (4.06)
0.140 (3.56)
12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com