Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS0545 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DS0545
Description  PIN Diode SP4T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DS0545 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DS0545 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D AICO Industr ies
MODEL NUMBER
DS0545
FEATURES
• 10 - 500 MHz
• 8 mA, +15 VDC
• 0.6 dB Insertion Loss
• CMOS Driver with BCD
• Non-Reflective
• Small 14 Pin DIP
• Low Cost
SP4T
138
PIN Diode SP4T
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DS0545

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS05 LUMILEDS-DS05 Datasheet
850Kb / 10P
SuperFlux LEDs
logo
Sensata Technologies, I...
DS05 SENSATA-DS05 Datasheet
220Kb / 2P
SAFETY ENCODER TETHER ARMS
Rev:03/16/18
logo
CUI INC
DS05-127-SMT CUI-DS05-127-SMT Datasheet
355Kb / 4P
DIP SWITCH
logo
Same Sky Devices
DS05-127-SMT SAMESKY-DS05-127-SMT Datasheet
265Kb / 4P
DIP SWITCH
03/06/2026
logo
MTU Onsite Energy Corpo...
DS0500D5S MTU-DS0500D5S Datasheet
2Mb / 4P
DIESEl GENERATOR SET AIR CHARGE-AIR COOlING
More results

Similar Description - DS0545

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW4 MACOM-MA4AGSW4 Datasheet
237Kb / 6P
AIGAAS SP4T PIN DIODE SWITCH
logo
DAICO Industries, Inc.
CDS0624 DAICO-CDS0624 Datasheet
159Kb / 1P
PIN Diode SP4T
CDS0670 DAICO-CDS0670 Datasheet
164Kb / 1P
PIN Diode SP4T
DS0085 DAICO-DS0085 Datasheet
27Kb / 1P
PIN Diode SP4T
DS0644 DAICO-DS0644 Datasheet
29Kb / 1P
PIN Diode SP4T
DS0744 DAICO-DS0744 Datasheet
160Kb / 1P
PIN Diode SP4T
DS0778 DAICO-DS0778 Datasheet
28Kb / 1P
PIN Diode SP4T
DS0967 DAICO-DS0967 Datasheet
177Kb / 1P
PIN Diode SP4T
logo
Tyco Electronics
MA4SW410 MACOM-MA4SW410 Datasheet
199Kb / 6P
SP4T Monolithic PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com