Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATLS100MA104 Datasheet(PDF) 3 Page - Analog Technologies, Inc.

Part # ATLS100MA104
Description  Low Noise Constant Current Laser Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS100MA104 Datasheet(HTML) 3 Page - Analog Technologies, Inc.

  ATLS100MA104 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS100MA104 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS100MA104 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS100MA104 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS100MA104 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS100MA104 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS100MA104 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS100MA104 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS100MA104 Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 3/7/2022
Email: staff@analogti.com/sales@analogti.com
3
Analog Technologies
ATLS100MA104
Low Noise Constant Current Laser Controller
SPECIFICATIONS
Table 2. Characteristics (TAmbient = 25
°C)
Parameter
Value
Unit/Note
Maximum Output Current
100
mA
Peak-to-Peak Noise
@ 0.1Hz ~ 10Hz, VVPS=5V,
Rs=1Ω, VOUT=3V, IOUT=100mA
3.96
μAP-P
Current Noise Density
@ 0.1Hz ~ 10Hz, VVPS=5V,
Rs=1Ω, VOUT=3V, IOUT=100mA
0.6
µARMS
Current Set Voltage Range
(VLIS)
0 ~ 2.5
V
Current Limit Set Voltage
Range (VLIMS)
0 ~ 2.75
V
Rise and Fall Times of large
signal
75
nS
Rise and Fall Times of small
signal
46
nS
Bandwidth of large signal (0.2V
~ 2.2V square wave)
4.67
MHz
Bandwidth of small signal (1V
DC plus 200mV AC square
wave)
7.61
MHz
Minimum Drop Out Voltage
0.9 +
5
×IOUT
V
Power Supply Voltage Range
3.1 ~ 5.5
V
Operating Case Temperature
−40 ~ 85
°C
Storage temperature
−55 ~ 150
°C
High IOUT Absolute Accuracy
(T =
−30ºC ~ 60ºC)
<±0.5
mA
High IOUT Stability (the load
can be made of 1 to 5 diodes)
<±0.5
mA
Figure 3. Input Control
OPERATION PRINCIPLE
The block diagram of the controller is shown in Figure 4.
The shutdown control circuit is activated under one of these 3
circumstances: external shut down, output current exceeds the
current limit, and the internal temperature exceeds 120
°C.
When the controller is shut down by the external shutdown
signal, it will restart upon detecting the releasing of the
shutdown signal.
When it is shut down by the over current limit, the controller
shuts down itself and restarts again by going through the soft-
start process immediately. Therefore, the output current has a
saw-tooth waveform: quick shut down, slow and ramp up.
When the controller is shut down by the over temperature, it
will wait till the temperature goes below the temperature limit,
120
°C. Usually it takes a few or tens of seconds for the
controller to cool down before it restarts itself, depending on
the thermal mass of the controller and its surrounding
mechanical parts attached thermally, such as the PCB and its
traces, the heat-sinks if any, etc.
When controller is shut down, the voltage reference is also
shut down.
Figure 4. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com