Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATLS10A217D Datasheet(PDF) 13 Page - Analog Technologies, Inc.

Part # ATLS10A217D
Description  High Voltage Constant Current 10A Laser Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS10A217D Datasheet(HTML) 13 Page - Analog Technologies, Inc.

Back Button ATLS10A217D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS10A217D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS10A217D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS10A217D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS10A217D Datasheet HTML 9Page - Analog Technologies, Inc. ATLS10A217D Datasheet HTML 10Page - Analog Technologies, Inc. ATLS10A217D Datasheet HTML 11Page - Analog Technologies, Inc. ATLS10A217D Datasheet HTML 12Page - Analog Technologies, Inc. ATLS10A217D Datasheet HTML 13Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
13
Analog Technologies
ATLS10A217
High Voltage Constant Current 10A Laser Driver
NOTICE
1. ATI warrants performance of its products for one year to the specifications applicable at the time of sale, except for those
being damaged by excessive abuse. Products found not meeting the specifications within one year from the date of sale can
be exchanged free of charge.
2. ATI reserves the right to make changes to its products or to discontinue any product or service without notice, and advise
customers to obtain the latest version of relevant information to verify, before placing orders, that information being relied on
is current and complete.
3. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgment, including those
pertaining to warranty, patent infringement, and limitation of liability. Testing and other quality control techniques are utilized
to the extent ATI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily
performed, except those mandated by government requirements.
4. Customers are responsible for their applications using ATI components. In order to minimize risks associated with the
customers’ applications, adequate design and operating safeguards must be provided by the customers to minimize inherent
or procedural hazards. ATI assumes no liability for applications assistance or customer product design.
5. ATI does not warrant or represent that any license, either express or implied, is granted under any patent right, copyright,
mask work right, or other intellectual property right of ATI covering or relating to any combination, machine, or process in
which such products or services might be or are used. ATI’s publication of information regarding any third party’s products
or services does not constitute ATI’s approval, warranty or endorsement thereof.
6. IP (Intellectual Property) Ownership: ATI retains the ownership of full rights for special technologies and/or techniques
embedded in its products, the designs for mechanics, optics, plus all modifications, improvements, and inventions made by
ATI for its products and/or projects.
7. If not utilizing the internal reference voltage source, the minimum power supply can be as low as 4.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com