Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATLS201DEV1.0 Datasheet(PDF) 2 Page - Analog Technologies, Inc.

Part # ATLS201DEV1.0
Description  Constant Current Laser Driver ATLS201D Evaluation board Rev. 1.0
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS201DEV1.0 Datasheet(HTML) 2 Page - Analog Technologies, Inc.

  ATLS201DEV1.0 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/25/2022
Email: staff@analogti.com/sales@analogti.com
2
Analog Technologies
Evaluation Board for ATLS201D
ATLS201DEV1.0
Figure 3. Top Silkscreen
Figure 4. Top Layers without Top Screen Layer
Figure 4 shows the top layers without the silkscreen layer.
Figure 5 below shows the bottom layers, including bottom
copper, bottom solder mask, and multilayer (vias). Please
notice that it is a “see through” image from the top side.
Figures 4 and 5 can be used as a layout reference for
designing a system when using the ATLS201D in the system.
The main points are shown below:
1. Connect the power supply return node directly to the
PGND pin of the driver before connecting it to any other
nodes. For thermal management purpose, the return node on
the evaluation board was not done in this way.
2. Use as large copper area as possible for the PCB traces of
the solder pads of all the pins so that these copper areas
become heat-sinks which can help dissipating the heat
generated by the driver.
Figure 5. Bottom Layers
Figure 6. Mirrored Bottom Layers
Figure 6 shows the mirrored bottom layers which is a
directly-seen image from the bottom side.
The ATLS201D laser driver module is located in the center
of the ATLS201DEV1.0 Evaluation Board. The voltages of
all its pins can be measured directly by probing the vias on
the left and right side of the module sockets which are
connected directly with the pins of the electronic module.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com