Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS0705 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DS0705
Description  GaAs SP5T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DS0705 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DS0705 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
DS0705
FEATURES
• 10 - 400 MHz
• 0.5 mA @ +5 VDC
• 1.0 dB Insertion Loss
• 40 mV Transients
• Non-Reflective
• TTL Driver
• 24 Pin Surface Mount Package
GaAs SP5T
D AICO Industr ies
SP5T
156
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DS0705

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0702-R DAICO-DS0702-R Datasheet
40Kb / 1P
GaAs SP2T
DS0702-T DAICO-DS0702-T Datasheet
42Kb / 1P
GaAs SP2T
More results

Similar Description - DS0705

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS195-306 ALPHA-AS195-306 Datasheet
419Kb / 2P
PHEMT GaAs IC High Power SP5T Switch 0.1-2 GHz
logo
DAICO Industries, Inc.
CSW52216 DAICO-CSW52216 Datasheet
161Kb / 1P
Switch SP5T
CSWM9096 DAICO-CSWM9096 Datasheet
191Kb / 1P
Switch SP5T
DSW52179 DAICO-DSW52179 Datasheet
157Kb / 1P
Switch SP5T
DSW56178 DAICO-DSW56178 Datasheet
188Kb / 1P
Switch SP5T
logo
Skyworks Solutions Inc.
AS195-306 SKYWORKS-AS195-306 Datasheet
216Kb / 4P
PHEMT GaAs IC High-Power SP5T Switch 0.1-2 GHz
logo
Spectrum Microwave, Inc...
310-021005-001 SPECTRUM-310-021005-001 Datasheet
117Kb / 1P
SP5T SWITCH
logo
New Japan Radio
NJG1665MD7 NJRC-NJG1665MD7 Datasheet
248Kb / 7P
SP5T SWITCH GaAs MMIC
NJG1667MD7 NJRC-NJG1667MD7 Datasheet
248Kb / 7P
SP5T SWITCH GaAs MMIC
logo
API Technologies Corp
310-021005-001 APITECH-310-021005-001 Datasheet
229Kb / 1P
SP5T SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com