Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATLS200MA103 Datasheet(PDF) 3 Page - Analog Technologies, Inc.

Part # ATLS200MA103
Description  Low Noise Constant Current Laser Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS200MA103 Datasheet(HTML) 3 Page - Analog Technologies, Inc.

  ATLS200MA103 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS200MA103 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS200MA103 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS200MA103 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS200MA103 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS200MA103 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS200MA103 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS200MA103 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS200MA103 Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2022
Email: staff@analogti.com/sales@analogti.com
3
Analog Technologies
ATLS250MA103
Low Noise Constant Current Laser Controller
APPLICATIONS
Figure 4.1 and 4.2 shows a typical application circuit. W1
and W2 set the output current limit and output current
respectively. Resistor R1 and capacitor C1 form a low pass
filter, to lower the noise from the voltage reference.
Laser diode D1 is connected between LDA and PGND. It is
worth mentioning that the power supply return terminal should
be connected to the pin 11 PGND and the cathode of the laser
diode should be connected to the pin 10 PGND. These 2 nodes
should not be connected together externally and they are
connected together internally already by the controller.
Figure 4.1. Typical Stand-alone Application Schematic for ATLS250MA103
Figure 4.2. Typical Stand-alone Application Schematic for ATLS250MA103-PD
Turning the Controller On and Off
The controller can be turned on and off by setting the SDN
pin high and lower respectively. It is recommended to turn
the controller on by this sequence:
To turn on: For ATLS250MA103, turn on the power by
providing the power supply voltage to the controller, turn on
the
controller
by
releasing
the
SDN
pin.
For
ATLS250MA103-PD, turn on the power by providing the
power supply voltage to the controller, turn on the controller
by connecting the SDN pin to VPS.
To turn off: turn off the controller by lowering the voltage
of SDN pin, turn off the power by stopping the voltage
supply on the VPS pin.
When not controlling by the SDN pin: leave it unconnected
and turn on and off the controller by the power supply.
In Figure 4.1 and 4.2, S1 is the shut down switch. For
ATLS250MA103, the internal equivalent input circuit of SDN
pin is a pull-up resistor of 100k being connected to VPS in
parallel with a 10pF capacitor to the ground. For
ATLS250MA103-PD, the internal equivalent input circuit of
SDN pin is a pull-down resistor of 100k being connected to the
ground in parallel with a 10pF capacitor to the ground. The
switch S1 can also be an electronic switch, such as an I/O pin
of a micro-controller, with an either open drain or push/pull
output. If not using a switch (S1) to control the laser, leave the
SDN pin unconnected. D2 is an LED, indicating when the
control loop works properly, that is: the output current equals
to the input set value. This pin has an internal pull up resistor
of 5k to the power supply pin, VPS, pin 10. The pull down
resistance is 200
Ω. This 5k resistor can drive a high efficiency
LED directly. When higher pull up current is needed for
driving such as a higher current LED, an external resistor can
be placed between the VPS and the LPGD pins. Make sure
that the resistor is not too small that the pull down resistor will
not be able to pull the pin low enough when the controller loop
Power Supply 0V
(Clock-wise)
Power Supply 5V
S1
SPST
D1
Laser Diode
Shut Down
Loop Good Indication
Current Limit Set
LIO
6
VPS
12
LDC 10
LPGD
7
LDA 9
GND
2
LIS
5
PGND 11
TMPO 8
2.5VR
3
LILM
4
SDN
1
Laser Controller
1
2
C1
1uF to 10uF
Current Set
To ADC
To ADC
(Clock-wise)
2
W1
20k
2
W2
20k
1
2
R1 1M
2
1
D2
LED
Power Supply 0V
(Clock-wise)
Power Supply 5V
S1
SPST
D1
Laser Diode
Shut Down
Loop Good Indication
Current Limit Set
LIO
6
VPS
12
LDC 10
LPGD
7
LDA 9
GND
2
LIS
5
PGND 11
TMPO
8
2.5VR
3
LILM
4
SDN
1
Laser Controller
1
2
C1
1uF to 10uF
Current Set
To ADC
To ADC
(Clock-wise)
2
W1
20k
2
W2
20k
1
2
R1 1M
2
1
D2
LED
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com