Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATLS500MA103D Datasheet(PDF) 10 Page - Analog Technologies, Inc.

Part # ATLS500MA103D
Description  Low Noise Constant Current Laser Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS500MA103D Datasheet(HTML) 10 Page - Analog Technologies, Inc.

Back Button ATLS500MA103D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS500MA103D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS500MA103D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS500MA103D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS500MA103D Datasheet HTML 9Page - Analog Technologies, Inc. ATLS500MA103D Datasheet HTML 10Page - Analog Technologies, Inc. ATLS500MA103D Datasheet HTML 11Page - Analog Technologies, Inc. ATLS500MA103D Datasheet HTML 12Page - Analog Technologies, Inc. ATLS500MA103D Datasheet HTML 13Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2022
Email: staff@analogti.com/sales@analogti.com
10
Analog Technologies
Low Noise Constant Current Laser Controller
ATLS500MA103
Driving High Voltage Laser Diodes
Some laser diodes have high forward voltage, such as 7V,
while the laser driver ATLS500MA103D has a maximum
output voltage of 4V. This section tells a way to drive such
laser diodes by using this laser driver.
The schematic is shown in Figure 19, where Power Supply 1
is the power supply for the laser driver, Power Supply 2 is for
increasing the laser driver's maximum output voltage.
Please notice that the power on sequence has to be in this way:
turn on Power Supply 1, turn on Power Supply 2, then turn on
the laser driver by driving SDN (Shutdown) pin to logic high.
The sequence for turning off the laser circuit is: turn off the
SDN pin by pulling it down to the logic low, turn off Power
Supply 1, then, turn off power supply 2.
To make sure the circuit works ok: turn on the laser, measure
LDA voltage, it should be between 1V to 3V, at room
temperature, the ideal LDA voltage is around 2V.
Figure 19. Driving High Voltage Laser Diodes
Figure 20. Output Current vs. LIS and LILM Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com