Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSWM6309 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DSWM6309
Description  Switch Network
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DSWM6309 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DSWM6309 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
D S W M6309
Switch Network
FEATURES
Broad Band, 1 - 2000 MHz
Modular Design
Phase Tracking,
± 2 Degrees
Hermetic Aluminum Case
HDI
D A ICO
I ndustries
Rev. N/D / Iss. 1
PORT SELECT
Switch State
Port
S1 (J66 to J73)
S2
S3
2
2
2
1
2
0
J58 to J65
J10 to J17
J18 to J25
0
0
0
S3
J10 to J17
S1
0
0
1
J58 to J65
J2 to J9
J18 to J25
0
1
0
S3
J2 to J9
S1
0
1
1
J50 to J57
Not Sel.
Not Sel.
1
0
0
J26 to J33
Not Sel.
Not Sel.
1
0
1
J34 to J41
Not Sel.
Not Sel.
1
1
0
J42 to J49
Not Sel.
Not Sel.
1
1
1
J10 to J17
J2 to J9
J18 to J25
S2
S3
CONTROL
STROBE
PORT 22
PORT 21
PORT 20
+5V
GND
-15V
PHASE ADJUST
J66 to J73
J58 to J65
J50 to J57
J42 to J49
J34 to J41
J26 to J33
S1
0.400
0.180
1.800
0.625
0.475
0.850
0.125 TYP
1.610
0.950
0.252
±.008
OSP CONN, 7 PLACES
J2-J9
J10-J17
J26-J33 J18-J25
J66-J73
J34-J41
J42-J49
J58-J65
J50-J57
0.200
3.000
.400
0.180
REF
3.000
.400
1.500
0.200
0.600
6 - 32 X .475 DEEP, MAX
INSERTS 3 PLACES
0.470
1.180
0.520
0.520
2.930
3.400
0.135
0.700
0.520
0.960
0.520
0.25 REF
FEMALE SMA
CON, 2 PLACES
0.030 DIA
7 PLACES
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
1
1200
MHz
J2 to J25, S1
250
2000
MHz
J26 to J73, S2 and S3
DC Current
50
mA
At +5 VDC Supply
37
mA
At -15 VDC Supply
Control Type
TTL
See Logic Table
Control Current
High
±10 µA
VIH = +2.7 V
Low
±10 µA
VIL = +0.5 V
Isolation
50
55
dB
Any Port to Port
Insertion Loss
1.0
1.5
dB
1 - 20 MHz, S1
1.5
2.0
dB
20 - 1200 MHz, S1
1.5
2.0
dB
1200 - 2000 MHz, S2 and S3
2.0
2.5
dB
250 - 1200 MHz, S2 and S3
VSWR
1.5/1
Intercept Points
2nd
75
80
dBm
3rd
45
49
dBm
Amplitude Balance
±0.1
±0.3 dB
Phase Balance
±1 DEG
1 - 20 MHz, S1
±2 DEG
20 - 2000 MHz, S1, S2 and S3
P1dB Compression
+15
+21
dBm
1 - 20 MHz
+20
+30
dBm
20 - 2000 MHz
No Damage
+30
dBm
Operating Temperature
0
+25
+70
°CTA
GUARANTEED PERFORMANCE


Similar Part No. - DSWM6309

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DSWM5077 DAICO-DSWM5077 Datasheet
29Kb / 1P
Diode SP11T
DSWM9040 DAICO-DSWM9040 Datasheet
32Kb / 1P
PIN Diode Switch SP40T
DSWM9073 DAICO-DSWM9073 Datasheet
30Kb / 1P
Switch Assembly, RF 8 Channel
More results

Similar Description - DSWM6309

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1286530000 WEIDMULLER-1286530000 Datasheet
319Kb / 4P
Network switch, unmanaged, Fast Ethernet
1286570000 WEIDMULLER-1286570000 Datasheet
322Kb / 4P
Network switch, unmanaged, Fast Ethernet
1286590000 WEIDMULLER-1286590000 Datasheet
244Kb / 4P
Network switch, unmanaged, Fast Ethernet
1286780000 WEIDMULLER-1286780000 Datasheet
248Kb / 5P
Network switch, managed, Fast Ethernet
1286840000 WEIDMULLER-1286840000 Datasheet
276Kb / 5P
Network switch, managed, Fast Ethernet
1504370000 WEIDMULLER-1504370000 Datasheet
325Kb / 5P
Network switch, managed, Fast Ethernet
1504390000 WEIDMULLER-1504390000 Datasheet
325Kb / 5P
Network switch, managed, Fast Ethernet
1504410000 WEIDMULLER-1504410000 Datasheet
230Kb / 3P
Network switch, unmanaged, Fast Ethernet
1240910000 WEIDMULLER-1240910000 Datasheet
322Kb / 4P
Network switch, unmanaged, Fast Ethernet
November 4, 2021 CET
logo
Schneider Electric
BMENOS0300 SCHNEIDER-BMENOS0300 Datasheet
110Kb / 2P
Network Option Switch
Apr 20, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com