Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-2001 Datasheet(PDF) 7 Page - ON Semiconductor

Part # KAI-2001
Description  1600 (H) x 1200 (V) Interline CCD Image Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2001 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button KAI-2001 Datasheet HTML 3Page - ON Semiconductor KAI-2001 Datasheet HTML 4Page - ON Semiconductor KAI-2001 Datasheet HTML 5Page - ON Semiconductor KAI-2001 Datasheet HTML 6Page - ON Semiconductor KAI-2001 Datasheet HTML 7Page - ON Semiconductor KAI-2001 Datasheet HTML 8Page - ON Semiconductor KAI-2001 Datasheet HTML 9Page - ON Semiconductor KAI-2001 Datasheet HTML 10Page - ON Semiconductor KAI-2001 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
KAI−2001
www.onsemi.com
6
Horizontal Register to Floating Diffusion
Figure 5. Horizontal Register to Floating Diffusion Architecture
R
OG
H2B
H1B
H2S
H2B
H1S
H1B
RD
H1S
n+
Floating
Diffusion
n (burried channel)
n
n+
p (GND)
n (SUB)
n−
n−
n−
n−
The HCCD has a total of 1,648 pixels. The 1,640 vertical
shift registers (columns) are shifted into the center 1,640
pixels of the HCCD. There are 4 pixels at both ends of the
HCCD, which receive no charge from a vertical shift
register. The first 4 clock cycles of the HCCD will be empty
pixels (containing no electrons). The next 16 clock cycles
will contain only electrons generated by dark current in the
VCCD and photodiodes. The next 1,608 clock cycles will
contain photo-electrons (image data). Finally, the last 16
clock cycles will contain only electrons generated by dark
current in the VCCD and photodiodes. Of the 16 dark
columns, the first and last dark columns should not be used
for determining the zero signal level. Some light does leak
into the first and last dark columns. Only use the center 14
columns of the 16 column dark reference.
When the HCCD is shifting valid image data, the timing
inputs to the electronic shutter (SUB), VCCD (V1, V2),
and fast line dump (FD) should be not be pulsed. This
prevents unwanted noise from being introduced. The HCCD
is a type of charge coupled device known as a pseudo-two
phase CCD. This type of CCD has the ability to shift charge
in two directions. This allows the entire image to be shifted
out to the video L output, or to the video R output (left/right
image reversal). The HCCD is split into two equal halves of
824 pixels each. When operating the sensor in single output
mode the two halves of the HCCD are shifted in the same
direction. When operating the sensor in dual output mode
the two halves of the HCCD are shifted in opposite
directions. The direction of charge transfer in each half is
controlled by the H1BL, H2BL, H1BR, and H2BR timing
inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com