Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9921 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV9921
Description  3-Pin Switch-Mode LED Lamp Driver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9921 Datasheet(HTML) 1 Page - Supertex, Inc

  HV9921 Datasheet HTML 1Page - Supertex, Inc HV9921 Datasheet HTML 2Page - Supertex, Inc HV9921 Datasheet HTML 3Page - Supertex, Inc HV9921 Datasheet HTML 4Page - Supertex, Inc HV9921 Datasheet HTML 5Page - Supertex, Inc HV9921 Datasheet HTML 6Page - Supertex, Inc HV9921 Datasheet HTML 7Page - Supertex, Inc HV9921 Datasheet HTML 8Page - Supertex, Inc HV9921 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NR030805
Initial Release
3-Pin Switch-Mode LED Lamp Driver IC
Features
Constant Output Current:
o
HV9921 – 20mA
o
HV9922 – 50mA
Universal 85-264VAC Operation
Fixed OFF-Time Buck Converter
Internal 500V Power MOSFET
Applications
Decorative Lighting
Low Power Lighting Fixtures
General Description
The HV9921/22 are pulse width modulated (PWM)
high-efficiency LED driver control ICs. They allow
efficient operation of LED strings from voltage
sources ranging up to 400VDC. The HV9921/22
include an internal high-voltage switching MOSFET
controlled with fixed off-time TOFF of approximately
10
µs. The LED string is driven at constant current,
thus providing constant light output and enhanced
reliability. The output current is internally fixed at
20mA for HV9921 and 50mA for HV9922. The peak
current control scheme provides good regulation of
the output current throughout the universal AC line
voltage range of 85 to 264VAC or DC input voltage
of 20 to 400V.
Typical Application Circuit
HV9921/22
NR042205
CIN
~
~
AC
CDD
1
3
HV9921/22
D1
L1
LED1
-
LEDN
BR1
U1
C0
2
DRAIN
GND
VDD


Similar Part No. - HV9921

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9921 SUTEX-HV9921 Datasheet
659Kb / 10P
3-Pin Switch-Mode LED Lamp Driver ICs
logo
Microchip Technology
HV9921 MICROCHIP-HV9921 Datasheet
339Kb / 19P
3-Pin Switch-Mode LED Lamp Driver ICs
03/25/14
logo
Supertex, Inc
HV9921DB1 SUTEX-HV9921DB1 Datasheet
343Kb / 2P
Universal Off-line LED Driver Demoboard
HV9921N3-G SUTEX-HV9921N3-G Datasheet
659Kb / 10P
3-Pin Switch-Mode LED Lamp Driver ICs
logo
Microchip Technology
HV9921N3-G MICROCHIP-HV9921N3-G Datasheet
339Kb / 19P
3-Pin Switch-Mode LED Lamp Driver ICs
03/25/14
More results

Similar Description - HV9921

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9923 SUTEX-HV9923 Datasheet
659Kb / 10P
3-Pin Switch-Mode LED Lamp Driver ICs
HV9911 SUTEX-HV9911_06 Datasheet
728Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
HV9985 SUTEX-HV9985 Datasheet
1Mb / 16P
Three-Channel, Closed-Loop, Switch Mode LED Driver IC
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
logo
Microchip Technology
HV9921 MICROCHIP-HV9921 Datasheet
339Kb / 19P
3-Pin Switch-Mode LED Lamp Driver ICs
03/25/14
logo
Shanghai Consonance Ele...
CN5820 CONSONANCE-CN5820 Datasheet
213Kb / 8P
Switch-Mode High-Brightness LED Driver IC
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
LED Driver Switch-Mode LED Driver IC with High Current Accuracy
FC9920 FS-FC9920 Datasheet
513Kb / 7P
3-Pin Switch-Mode LED Lamp Driver
FC9921 FS-FC9921 Datasheet
758Kb / 8P
3-Pin Switch-Mode LED Lamp Driver IC
FC9922 FS-FC9922 Datasheet
750Kb / 8P
3-Pin Switch-Mode LED Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com